Electronic Components Datasheet Search
  English  ▼

X  

DLPC3435 Datasheet(PDF) 41 Page - Texas Instruments

Part # DLPC3435
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC3435 Datasheet(HTML) 41 Page - Texas Instruments

Back Button DLPC3435 Datasheet HTML 37Page - Texas Instruments DLPC3435 Datasheet HTML 38Page - Texas Instruments DLPC3435 Datasheet HTML 39Page - Texas Instruments DLPC3435 Datasheet HTML 40Page - Texas Instruments DLPC3435 Datasheet HTML 41Page - Texas Instruments DLPC3435 Datasheet HTML 42Page - Texas Instruments DLPC3435 Datasheet HTML 43Page - Texas Instruments DLPC3435 Datasheet HTML 44Page - Texas Instruments DLPC3435 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
DC Supplies
BAT
1.1 V
WVGA
DDR DMD
DLP2010
(WVGA
DMD)
Included in DLP® Chip Set
1.8 V
2.3 to 5.5 V
Projector Module Electronics
DLPA2000
PARKZ
1.1 V
1.8 V
VCORE
VIO
Illumination
Optics
3
BIAS, RST, OFS
Thermistor
Parallel I/F
VCC_INTF
EEPROM
DLPC3430/
DLPC3435
VCC_FLSH
SPI_1
I2C_1
1.8 V
Other
Supplies
1.1 V
Reg
Cal data
(optional)
FLASH,
SDRAM
Keypad
Front-End
Chip
- OSD
- AutoLock
- Scaler
-MicroController
HDMI
Receiver
Triple
ADC
Charger
DC_IN
VDD
On/Off
HDMI
VGA
SD Card
Reader, and
so forth
(optional)
FLASH
L1
Spare R/W
GPIO
TVP5151
Video
Decoder
BT.656
Keystone
Sensor
GPIO_8 (Normal Park)
1.8 V
VSPI
SPI_0
eDRAM
L2
L3
GND
CVBS
RESETZ
INTZ
LED_SEL(2)
CMP_PWM
VLED
WPC
LABB
4
4
PROJ_ON
PROJ_ON
1.8 V
SYSPWR
RED
GREEN
BLUE
Sub-LVDS DATA
CTRL
I2C
28
HOST_IRQ
Current
Sense
18
CMP_OUT
41
DLPA2000
www.ti.com
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
Product Folder Links: DLPA2000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
A DLPC343x controller can be used with a DLP2010 (0.2 WVGA) DMD or DLP3010 (0.3 720p) DMD to provide a
compact, reliable, high-efficiency display solution for many different video display applications. The DMDs are
spatial light modulators which reflect incoming light from an illumination source to one of two directions with the
primary direction being into collection optics within a projection lens. The projection lens sends the light to the
destination needed for the application. Each application is derived primarily from the optical architecture of the
system and the format of the pixel data being input into the DLPC343x.
In display applications using the DLP2010 DMD or DLP3010 DMD, the DLPA2000 provides all needed analog
functions including the analog power supplies and the RGB LED driver to provide a robust and efficient display
solution. Display applications of interest include pico-projectors embedded in display devices like smart phones,
tablets, cameras, and camcorders. Other applications include wearable (near-eye) displays, battery-powered
mobile accessories, interactive displays, low latency gaming displays, and digital signage.
Alternately, a DLPC150 controller can be used with a DLP2010 or DLP2010NIR DMD. Applications of interest
when using the DLPC150 controller include machine vision systems, spectrometers, skin analysis, medical
systems, material identification, chemical sensing, infrared projection, and compressive sensing. In a
spectroscopy application the DLPC150 controller and DLP2010NIR DMD are often combined with a single
element detector to replace expensive InGaAs array-based detector designs. In this application the DMD acts as
a wavelength selector reflecting specific wavelengths of light into the single point detector.
8.2 Typical Projector Application
A common application when using DLPA2000 with DLP2010 DMD and DLPC3430 controller is for creating a
pico-projector embedded in a handheld product. For example, a pico-projector may be embedded in a smart
phone, a tablet, a camera, or camcorder. The DLPC3430 in the pico-projector embedded module typically
receives images from a host processor within the product as shown in Figure 42. DLPA2000 provides power
supply sequencing and controls the LED currents as required by the application.
Figure 42. Typical Embedded Setup Using DLPA2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com