Electronic Components Datasheet Search
  English  ▼

X  

DLPC3435 Datasheet(PDF) 47 Page - Texas Instruments

Part # DLPC3435
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC3435 Datasheet(HTML) 47 Page - Texas Instruments

Back Button DLPC3435 Datasheet HTML 43Page - Texas Instruments DLPC3435 Datasheet HTML 44Page - Texas Instruments DLPC3435 Datasheet HTML 45Page - Texas Instruments DLPC3435 Datasheet HTML 46Page - Texas Instruments DLPC3435 Datasheet HTML 47Page - Texas Instruments DLPC3435 Datasheet HTML 48Page - Texas Instruments DLPC3435 Datasheet HTML 49Page - Texas Instruments DLPC3435 Datasheet HTML 50Page - Texas Instruments DLPC3435 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
47
DLPA2000
www.ti.com
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
Product Folder Links: DLPA2000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
As for all chips with switching power supplies, the layout is an important step in the design, especially in the case
of high peak currents and high switching frequencies. If the layout is not carefully done, the regulators could
show stability problems as well as EMI problems. Therefore, use wide and short traces for the main current paths
and for the power ground tracks. Input capacitors, output capacitors, and inductors should be placed as close as
possible to the IC.
Figure 46 shows an example layout that has critical parts placed as close as possible to the pins they are
connected to. Here are recommendations for the following components:
R1
is RLIM and is connected via a wide trace and as short as possible to the DLPA2000 and the ground.
L1
is the big inductor for the VLED that is connected via two wide traces to the pins.
C3/C4
are the decoupling capacitors for the VLED and they are as close as possible placed to the part and
directly connected to ground.
L3/C20
are components used for the VCORE BUCK. L3 is placed close to the pin and connected with a wide
trace to the part. C20 is placed directly beside the inductor and connected to the PGND pin.
L2
This inductor is part of the DMD reset regulators and is also placed as close as possible to the
DLPA2000 using wide PCB traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com