Electronic Components Datasheet Search
  English  ▼

X  

KNP Datasheet(PDF) 13 Page - YAGEO Corporation

Part # KNP
Description  WIREWOUND RESISTORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

KNP Datasheet(HTML) 13 Page - YAGEO Corporation

Back Button KNP Datasheet HTML 9Page - YAGEO Corporation KNP Datasheet HTML 10Page - YAGEO Corporation KNP Datasheet HTML 11Page - YAGEO Corporation KNP Datasheet HTML 12Page - YAGEO Corporation KNP Datasheet HTML 13Page - YAGEO Corporation KNP Datasheet HTML 14Page - YAGEO Corporation KNP Datasheet HTML 15Page - YAGEO Corporation KNP Datasheet HTML 16Page - YAGEO Corporation KNP Datasheet HTML 17Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
WireWound Resistors
Product Specification
KNP
Through Hole Resistors
www.yageo.com
Apr. 01, 2024 V.5
TAPE ON REEL PACKING
TYPE
Unit: mm/piece
Normal
Miniature
Across Flange(A)
B
Quantity Per Reel
KNP-25
KNP50S
66.5
75.5
5,000
KNP-50
KNP1WS
66.5
75.5
2,500
KNP100
KNP2WS
KNP3SS
87
96
2,000
KNP200
KNP3WS
87
96
1,000
KNP300
KNP400
KNP5WS
87
96
1,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com