Electronic Components Datasheet Search
  English  ▼

X  

KNP Datasheet(PDF) 4 Page - YAGEO Corporation

Part # KNP
Description  WIREWOUND RESISTORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

KNP Datasheet(HTML) 4 Page - YAGEO Corporation

  KNP Datasheet HTML 1Page - YAGEO Corporation KNP Datasheet HTML 2Page - YAGEO Corporation KNP Datasheet HTML 3Page - YAGEO Corporation KNP Datasheet HTML 4Page - YAGEO Corporation KNP Datasheet HTML 5Page - YAGEO Corporation KNP Datasheet HTML 6Page - YAGEO Corporation KNP Datasheet HTML 7Page - YAGEO Corporation KNP Datasheet HTML 8Page - YAGEO Corporation KNP Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
WireWound Resistors
Product Specification
KNP
Through Hole Resistors
www.yageo.com
Apr. 01, 2024 V.5
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
KNP-25 KNP-50 KNP100 KNP200 KNP300 KNP400 KNP500 KNP600 KNP700
Power Rating
at 40 °C
3W
4W
5W
6W
7W
Power Rating
at 70 °C
1/4W
1/2W
1W
2W
Resistance Range
(±1%)
0.1Ω -
150Ω
0.1Ω -
750Ω
0.1Ω -
1.5KΩ
0.1Ω -
2.4KΩ
0.1Ω -
3.3KΩ
0.1Ω -
3.3KΩ
0.1Ω -
6.2KΩ
0.1Ω -
6.2KΩ
0.1Ω -
6.2KΩ
Resistance Range
(±2% & ±5%)
0.1Ω -
200Ω
0.1Ω -
800Ω
0.1Ω -
2.2KΩ
0.1Ω -
2.7KΩ
0.1Ω -
3.9KΩ
0.1Ω -
3.9KΩ
0.1Ω -
6.8KΩ
0.1Ω -
6.8KΩ
0.1Ω -
6.8KΩ
Voltage Proof on
Insulation
250V
300V
400V
400V
400V
400V
400V
400V
400V
Maximum working
voltage
√(P X R)
Operating Temp.
Range
- 40°C to +200°C
Temperature
Coefficient
±300ppm/°C
Note: For resistance value out of above range is by request.
CHARACTERISTICS
KNP50S
KNP1WS
KNP2WS
KNP3SS
KNP3WS
KNP5WS
KNP7WS
Power Rating
at 40 °C
5W
7W
Power Rating
at 70 °C
1/2W
1W
2W
3W
3W
Resistance Range
(±1%)
0.1Ω -
150Ω
0.1Ω -
750Ω
0.1Ω -
1.5KΩ
0.1Ω -
1.5KΩ
0.1Ω -
2.4KΩ
0.1Ω -
3.3KΩ
0.1Ω -
3.3KΩ
Resistance Range
(±2% & ±5%)
0.1Ω -
200Ω
0.1Ω -
800Ω
0.1Ω -
2.2KΩ
0.1Ω -
2.2KΩ
0.1Ω -
2.7KΩ
0.1Ω -
3.9KΩ
0.1Ω -
3.9KΩ
Voltage Proof on
Insulation
200V
300V
400V
400V
400V
400V
400V
Maximum working
voltage
√(P X R)
Operating Temp.
Range
- 40°C to +200°C
Temperature
Coefficient
±300ppm/°C
Note: For resistance value out of above range is by request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com