Electronic Components Datasheet Search
  English  ▼

X  

KNP Datasheet(PDF) 2 Page - YAGEO Corporation

Part # KNP
Description  WIREWOUND RESISTORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

KNP Datasheet(HTML) 2 Page - YAGEO Corporation

  KNP Datasheet HTML 1Page - YAGEO Corporation KNP Datasheet HTML 2Page - YAGEO Corporation KNP Datasheet HTML 3Page - YAGEO Corporation KNP Datasheet HTML 4Page - YAGEO Corporation KNP Datasheet HTML 5Page - YAGEO Corporation KNP Datasheet HTML 6Page - YAGEO Corporation KNP Datasheet HTML 7Page - YAGEO Corporation KNP Datasheet HTML 8Page - YAGEO Corporation KNP Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
WireWound Resistors
Product Specification
KNP
Through Hole Resistors
www.yageo.com
Apr. 01, 2024 V.5
APPLICATIONS
Power applications
Home appliance
Industry
FEATURES
Higher power rating
Wide resistance range
High stable performance and
high reliability
Flameproof coating equivalent
to UL-94V-0
RoHS compliant & halogen-
free
ORDERING INFORMATION
Part number of the wirewound resistor is identified by the series, power
rating, tolerance, packing, temperature coefficient, forming and
resistance value and suffix.
PART NUMBER
KNP
2WS
J
T
-
73-
30R
NO
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(1) SERIES
KNP Series
(2) POWER RATING
-25 = 1/4W
50S = 1/2W
-50 = 1/2W
1WS = 1W
100 = 1W
2WS = 2W
200 = 2W
3WS = 3W
3SS = 3W
300 = 3W
400 = 4W
5WS = 5W
500 = 5W
600 = 6W
700 = 7W
7WS = 7W
(3) TOLERANCE
F = ±1%
G = ±2%
J = ±5%
(4) PACKAGING
T = Box Pack
R = Reel Pack
B = Bulk
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
- = Based on spec.
(6) FORMING
52- = 52.4mm
73- = 73mm
91- = 91mm
M = M-Type Forming
MB = M-form W/flat
F = F Type
FK = FK Type
FFK = F-form Kink
FKK = FKK Type
FT = FT Type Forming
PN = PANAsert
AV = AVIsert
Note: 52.4mm,73mm and 91mm represent dimension A of the axial type,
please refer to the category of AXIAL/REEL TAPE SPECIFICATION for the
detail.
(7) RESISTANCE VALUE
E24 & E96 Series
Example:
0R1= 0.1Ω, 100R= 100Ω, 1K = 1,000Ω
(8) SUFFIX
Optional code. required only when resistor is with pulse/surge specification.
Example: NO, CM, CN, CU, CY, FB, FC, NS, NM, CR, NL, NJ etc.
Null = Standard Type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com