Electronic Components Datasheet Search
  English  ▼

X  

KNP Datasheet(PDF) 21 Page - YAGEO Corporation

Part # KNP
Description  WIREWOUND RESISTORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

KNP Datasheet(HTML) 21 Page - YAGEO Corporation

Back Button KNP Datasheet HTML 13Page - YAGEO Corporation KNP Datasheet HTML 14Page - YAGEO Corporation KNP Datasheet HTML 15Page - YAGEO Corporation KNP Datasheet HTML 16Page - YAGEO Corporation KNP Datasheet HTML 17Page - YAGEO Corporation KNP Datasheet HTML 18Page - YAGEO Corporation KNP Datasheet HTML 19Page - YAGEO Corporation KNP Datasheet HTML 20Page - YAGEO Corporation KNP Datasheet HTML 21Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
WireWound Resistors
Product Specification
KNP
Through Hole Resistors
www.yageo.com
Apr. 01, 2024 V.5
LEGAL DISCLAIMER
YAGEO, its distributors and agents (collectively, “YAGEO”), hereby disclaims any and all liabilities for
any errors, inaccuracies or incompleteness contained in any product related information, including but
not limited to product specifications, datasheets, pictures and/or graphics. YAGEO may make
changes, modifications and/or improvements to product related information at any time and without
notice.
YAGEO makes no representation, warranty, and/or guarantee about the fitness of its products for any
particular purpose or the continuing production of any of its products. To the maximum extent
permitted by law, YAGEO disclaims (i) any and all liability arising out of the application or use of any
YAGEO product, (ii) any and all liability, including without limitation special, consequential or
incidental damages, and (iii) any and all implied warranties, including warranties of fitness for a
particular purpose, non -infringement and merchantability.
YAGEO products are designed for general purpose applications under normal operation and usage
conditions. Please contact YAGEO for the applications listed below which require especially high
reliability for the prevention of defects which might directly cause damage to the third party's life, body
or property: Aerospace equipment (artificial satellite, rocket, etc.), Atomic energy-related equipment,
Aviation equipment, Disaster prevention equipment, crime prevention equipment, Electric heating
apparatus, burning equipment, Highly public information network equipment, data-processing
equipment , Medical devices, Military equipment, Power generation control equipment, Safety
equipment, Traffic signal equipment, Transportation equipment and Undersea equipment, or for any
other application or use in which the failure of YAGEO products could result in personal injury or
death, or serious property damage. Particularly YAGEO Corporation and its affiliates do not
recommend the use of commercial or automotive grade products for high reliability
applications or manned space flight.
Information provided here is intended to indicate product specifications only. YAGEO reserves all the
rights for revising this content without further notification, as long as products are unchanged. Any
product change will be announced by PCN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com