Electronic Components Datasheet Search
  English  ▼

X  

CC1010 Datasheet(PDF) 21 Page - Texas Instruments

Part # CC1010
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC1010 Datasheet HTML 17Page - Texas Instruments CC1010 Datasheet HTML 18Page - Texas Instruments CC1010 Datasheet HTML 19Page - Texas Instruments CC1010 Datasheet HTML 20Page - Texas Instruments CC1010 Datasheet HTML 21Page - Texas Instruments CC1010 Datasheet HTML 22Page - Texas Instruments CC1010 Datasheet HTML 23Page - Texas Instruments CC1010 Datasheet HTML 24Page - Texas Instruments CC1010 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 150 page
background image
CC1010
SWRS047A
Page 21 of 146
Internal RAM
Accessible
through Direct
and Indirect
Addressing
0x00
0x7F
Special Function
Registers (SFR),
accessible
through Direct
Addressing
0xFF
Accesible
through indirect
addressing
0x7FF
Internal RAM / SFR
External RAM
0x00
Flash Program
Memory
0x00
Accesible
through indirect
addressing
0x7FFF
Figure 3. Memory Map
DPL0 (0x82) - Data Pointer 0, low byte
Bit
Name
R/W
Reset value
Description
7:0
DPL0(7:0)
R/W
0x00
Data Pointer 0, low byte
DPH0 (0x83) - Data Pointer 0, high byte
Bit
Name
R/W
Reset value
Description
0
DPH0(7:0)
R/W
0x00
Data Pointer 0, high byte
DPL1 (0x84) - Data Pointer 1, low byte
Bit
Name
R/W
Reset value
Description
7:0
DPL1(7:0)
R/W
0x00
Data Pointer 1, low byte
DPH1 (0x85) - Data Pointer 1, high byte
Bit
Name
R/W
Reset value
Description
7:0
DPH1(7:0)
R/W
0x00
Data Pointer 1, high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com