Electronic Components Datasheet Search
  English  ▼

X  

CC1010 Datasheet(PDF) 67 Page - Texas Instruments

Part # CC1010
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010 Datasheet(HTML) 67 Page - Texas Instruments

Back Button CC1010 Datasheet HTML 63Page - Texas Instruments CC1010 Datasheet HTML 64Page - Texas Instruments CC1010 Datasheet HTML 65Page - Texas Instruments CC1010 Datasheet HTML 66Page - Texas Instruments CC1010 Datasheet HTML 67Page - Texas Instruments CC1010 Datasheet HTML 68Page - Texas Instruments CC1010 Datasheet HTML 69Page - Texas Instruments CC1010 Datasheet HTML 70Page - Texas Instruments CC1010 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 150 page
background image
CC1010
SWRS047A
Page 67 of 146
SBUF0 (0x99) - Serial Port 0, data buffer
Bit
Name
R/W
Reset value
Description
7:0
SBUF0(7:0)
R/W
0x00
Serial Port 0, data buffer.
SBUF1 (0xC1) – Serial Port 1, data buffer
Bit
Name
R/W
Reset value
Description
7:0
SBUF1(7:0)
R/W
0x00
Serial Port 1, data buffer
SCON0 (0x98) - Serial Port 0 Control Register
Bit
Name
R/W
Reset value
Description
7
SM0_0
R/W
0
6
SM1_0
R/W
0
Serial Port 0 mode bits, decoded as:
SM0_0 SM1_0
Mode
0
0
0 (Synchronous half duplex)
0
1
1 (Asynchronous full duplex, start + stop bit)
1
0
2 (Asynchronous full duplex, start + stop bit,
9th data bit)
1
1
3 (Asynchronous full duplex, start + stop bit,
9th data bit)
5
SM2_0
R/W
0
Multiprocessor communication enable. In modes 2 and 3
SM2_0
= 1 enables the multiprocessor communication feature:
In mode 2 or 3 RI_0 will not be activated if the received 9th bit
is 0. If SM2_0 = 1 in mode 1, RI_0 will only be activated if a
valid stop bit is received. In mode 0 SM2_0 establishes the
baud rate: when SM2_0 = 0 the baud rate is clk / 12; when
SM2_0
= 1 the baud rate is clk / 4.
4
REN_0
R/W
0
Receive enable. When REN_0 = 1 reception is enabled.
3
TB8_0
R/W
0
Defines the state of the 9th data bit transmitted in modes 2 and
3.
2
RB8_0
R/W
0
In modes 2 and 3 RB8_0 indicates the state of the 9th bit
received. In mode 1 RB8_0 indicates the state of the received
stop bit. In mode 0 RB8_0 is not used.
1
TI_0
R/W
0
Transmit interrupt flag. Indicates that the transmit data word
has been shifted out. In mode 0 TI_0 is set at the end of the
8th data bit. In all other modes TI_0 is set when the stop bit is
placed on the TXD0 pin. TI_0 must be cleared by the
software.
0
RI_0
R/W
0
Receive interrupt flag. Indicates that a serial data word has
been received. In mode 0 RI_0 is set at the end of the 8th
data bit. In mode 1 RI_0 is set after the last sample of the
incoming stop bit, subject to the state of SM2_0. In modes 2
and 3 RI_0 is set at the end of the last sample of RB8_0.
RI_0
must be cleared by the software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com