Electronic Components Datasheet Search
  English  ▼

X  

CC1010 Datasheet(PDF) 96 Page - Texas Instruments

Part # CC1010
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010 Datasheet(HTML) 96 Page - Texas Instruments

Back Button CC1010 Datasheet HTML 92Page - Texas Instruments CC1010 Datasheet HTML 93Page - Texas Instruments CC1010 Datasheet HTML 94Page - Texas Instruments CC1010 Datasheet HTML 95Page - Texas Instruments CC1010 Datasheet HTML 96Page - Texas Instruments CC1010 Datasheet HTML 97Page - Texas Instruments CC1010 Datasheet HTML 98Page - Texas Instruments CC1010 Datasheet HTML 99Page - Texas Instruments CC1010 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 150 page
background image
CC1010
SWRS047A
Page 96 of 146
tight polling loop instead of an interrupt
based transmit procedure.
In order to start transmission of data as
quickly as possible, the first bit/byte to be
transmitted should be written to RFBUF
before
the
modulator
is
turned
on
(RFMAIN.TX_PD=0).
It
will
then
be
immediately loaded into the shift register
and an interrupt request will be generated
for the second bit/byte.
It is especially important to take the
buffering scheme into account at the end
of a transmission. When the last byte of a
data frame or packet is loaded into the
shift register it is still not transmitted. Thus
the interrupt request generated at the
same time must not turn off either analog
or digital parts of the transmit chain. The
transmission can not be ended safely until
nine bit periods later in bytemode and two
bit periods later in bitmode, when the last
bit
has
been
shifted
out
and
has
propagated through the transmit chain to
the antenna. A simple solution is to always
transmit two extra bytes in bytemode or
two extra bits in bitmode at the end of the
real data content. (In bytemode this will
result in that approximately seven of these
bits will be transmitted along with the real
data.) This should cause no problems in
practice.
17.8.2
Reception
When receiving data the buffering scheme
works in reverse of what it does during
transmitting.
Bit
by
bit
from
the
demodulator is shifted into the eight-bit
shift register, MSB-first: When the shift
register is full it is loaded into RFBUF and
an
interrupt
request
is
generated
(EXIF.RFIF). The byte must be read
within one byte period (eight baud periods
in NRZ mode and 16 baud periods in
Manchester mode). If not, it will be
overwritten by the next byte received and
the data is lost.
In bitmode the same buffering occurs, but
only for one bit at a time. Thus, when a
new bit arrives from the demodulator the
shift register will store it and store the last
bit into RFBUF.0, which in turn generates
a RF-interrupt request so that the new bit
can be read. In order to be able to read
the next bit from RFBUF.0 within one bit
period at high baud rates it is advisable to
use a tight polling loop instead of an
interrupt based receive procedure.
No special considerations have to be
taken at the start of, or end of, receptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com