Electronic Components Datasheet Search
  English  ▼

X  

CC1010 Datasheet(PDF) 65 Page - Texas Instruments

Part # CC1010
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010 Datasheet(HTML) 65 Page - Texas Instruments

Back Button CC1010 Datasheet HTML 61Page - Texas Instruments CC1010 Datasheet HTML 62Page - Texas Instruments CC1010 Datasheet HTML 63Page - Texas Instruments CC1010 Datasheet HTML 64Page - Texas Instruments CC1010 Datasheet HTML 65Page - Texas Instruments CC1010 Datasheet HTML 66Page - Texas Instruments CC1010 Datasheet HTML 67Page - Texas Instruments CC1010 Datasheet HTML 68Page - Texas Instruments CC1010 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 150 page
background image
CC1010
SWRS047A
Page 65 of 146
while (WDT & 0x08) {
WDT |= 0x10;
// Set WDTSE
WDT &= ~0x08; // Clear WDTEN
}
16.5.2
Enabling the Watchdog Timer
Enabling the Watchdog Timer is simply
done by setting WDT.WDTEN. Using the
WDT.WDTSE
control bit is not required.
16.6 Real-time Clock
The
real-time
clock
can
generate
interrupts with intervals ranging from 1 to
127 seconds. It is connected to the 32.768
kHz crystal oscillator, which is disabled
after
reset.
It
must
be
enabled
as
described in the section on page 33. An
external 32.768 kHz clock signal can also
be applied, as described.
The interrupt interval is programmed in the
range from 1 through 127 seconds by
setting RTCON.RT(6:0). The timer is
enabled by setting RTCON.RTEN. The first
interrupt will be generated RT seconds
after RTEN is set.
The real-time clock interrupt must be
enabled as described in the Interrupts
section on page 28.
The RTC oscillator circuit is shown in
Figure 15. The loading capacitors values
can be calculated as described for the
main crystal oscillator at page 32.
RTCON (0xED) – Real-time Clock Control Register
Bit
Name
R/W
Reset value
Description
7
RTEN
R/W
0
Real-time Clock Enable / Disable
0 : Real-time Clock is disabled
1 : Real-time Clock is enabled
6:0
RT(6:0)
R/W
0x00
Real-time Clock interrupt interval control. RT(6:0) gives
the desired interrupt interval in seconds. RT(6:0) must be
between 1 and 127.
C13
C12
XTAL
32.768 kHz
XTAL
32.768 kHz
XOSC32_Q1
XOSC32_Q2
Figure 15. RTC oscillator circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com