| Electronic Components Datasheet Search |
|
LM8261 Datasheet(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM8261 Datasheet(HTML) 17 Page - Texas Instruments |
|
17 / 33 page ![]() 68HC11 DAC082S085 PC7 SCK MOSI SCLK DIN SYNC 80C51/80L51 DAC082S085 P3.3 TXD RXD SCLK DIN SYNC ADSP-2101/ ADSP2103 DAC082S085 TFS DT SCLK DIN SCLK SYNC 17 DAC082S085 www.ti.com SNAS365G – MAY 2006 – REVISED JUNE 2016 Product Folder Links: DAC082S085 Submit Documentation Feedback Copyright © 2006–2016, Texas Instruments Incorporated Programming (continued) 8.4.3 DSP and Microprocessor Interfacing Interfacing the DAC082S085 to microprocessors and DSPs is quite simple. The following guidelines are offered to hasten the design process. 8.4.3.1 ADSP-2101/ADSP2103 Interfacing Figure 31 shows a serial interface between the DAC082S085 and the ADSP-2101/ADSP2103. The DSP must be set to operate in the SPORT Transmit Alternate Framing Mode. It is programmed through the SPORT control register and must be configured for Internal Clock Operation, Active Low Framing and 16-bit Word Length. Transmission is started by writing a word to the TX register after the SPORT mode has been enabled. Figure 31. ADSP-2101/2103 Interface 8.4.3.2 80C51/80L51 Interface A serial interface between the DAC082S085 and the 80C51/80L51 microcontroller is shown in Figure 32. The SYNC signal comes from a bit-programmable pin on the microcontroller. The example shown here uses port line P3.3. This line is taken low when data is transmitted to the DAC082S085. Because the 80C51/80L51 transmits 8-bit bytes, only eight falling clock edges occur in the transmit cycle. To load data into the DAC, the P3.3 line must be left low after the first eight bits are transmitted. A second write cycle is initiated to transmit the second byte of data, after which port line P3.3 is brought high. The 80C51/80L51 transmit routine must recognize that the 80C51/80L51 transmits data with the LSB first while the DAC082S085 requires data with the MSB first. Figure 32. 80C51/80L51 Interface 8.4.3.3 68HC11 Interface A serial interface between the DAC082S085 and the 68HC11 microcontroller is shown in Figure 33. The SYNC line of the DAC082S085 is driven from a port line (PC7 in the figure), similar to the 80C51/80L51. The 68HC11 must be configured with its CPOL bit as a zero and its CPHA bit as a one. This configuration causes data on the MOSI output to be valid on the falling edge of SCLK. PC7 is taken low to transmit data to the DAC. The 68HC11 transmits data in 8-bit bytes with eight falling clock edges. Data is transmitted with the MSB first. PC7 must remain low after the first eight bits are transferred. A second write cycle is initiated to transmit the second byte of data to the DAC, after which PC7 must be raised to end the write sequence. Figure 33. 68HC11 Interface |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |