Electronic Components Datasheet Search
  English  ▼

X  

LM8261 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM8261
Description  DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8261 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM8261 Datasheet HTML 6Page - Texas Instruments LM8261 Datasheet HTML 7Page - Texas Instruments LM8261 Datasheet HTML 8Page - Texas Instruments LM8261 Datasheet HTML 9Page - Texas Instruments LM8261 Datasheet HTML 10Page - Texas Instruments LM8261 Datasheet HTML 11Page - Texas Instruments LM8261 Datasheet HTML 12Page - Texas Instruments LM8261 Datasheet HTML 13Page - Texas Instruments LM8261 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10
DAC082S085
SNAS365G – MAY 2006 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC082S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VREF = VA, fSCLK = 30 MHz, TA = 25°C, Input Code Range 3 to 252, unless otherwise stated
Figure 8. INL/DNL vs VREFIN at VA = 5 V
Figure 9. INL/DNL vs fSCLK at VA = 2.7 V
Figure 10. INL/DNL vs VA
Figure 11. INL/DNL vs Clock Duty Cycle at VA = 3 V
Figure 12. INL/DNL vs Clock Duty Cycle at VA = 5 V
Figure 13. INL/DNL vs Temperature at VA = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com