Electronic Components Datasheet Search
  English  ▼

X  

LM8261 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM8261
Description  DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8261 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM8261 Datasheet HTML 2Page - Texas Instruments LM8261 Datasheet HTML 3Page - Texas Instruments LM8261 Datasheet HTML 4Page - Texas Instruments LM8261 Datasheet HTML 5Page - Texas Instruments LM8261 Datasheet HTML 6Page - Texas Instruments LM8261 Datasheet HTML 7Page - Texas Instruments LM8261 Datasheet HTML 8Page - Texas Instruments LM8261 Datasheet HTML 9Page - Texas Instruments LM8261 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
DAC082S085
SNAS365G – MAY 2006 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC082S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
DAC082S085
UNIT
DGS (VSSOP)
DSC (WSON)
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
240
250
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
53.3
40.7
°C/W
RθJB
Junction-to-board thermal resistance
78.9
23.7
°C/W
ψJT
Junction-to-top characterization parameter
4.8
0.4
°C/W
ψJB
Junction-to-board characterization parameter
77.6
23.8
°C/W
RθJC(bottom)
Junction-to-case (bottom) thermal resistance
N/A
4.7
°C/W
(1)
To ensure accuracy, it is required that VA and VREFIN be well bypassed.
(2)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are specified to AOQL (Average Outgoing
Quality Level).
(3)
This parameter is specified by design or characterization and is not tested in production.
7.5 Electrical Characteristics
The following specifications apply for VA = 2.7 V to 5.5 V, VREFIN = VA, CL = 200 pF to GND, fSCLK = 30 MHz, input code range
3 to 252. All limits are at TA = 25°C, unless otherwise specified.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
(2)
MAX
UNIT
STATIC PERFORMANCE
Resolution
TMIN ≤ TA ≤ TMAX
8
Bits
Monotonicity
TMIN ≤ TA ≤ TMAX
8
Bits
INL
Integral non-linearity
TA = 25°C
±0.14
LSB
TMIN ≤ TA ≤ TMAX
±0.5
DNL
Differential non-linearity
VA = 2.7 V to 5.5 V
TA = 25°C
Max
0.04
LSB
Min
−0.02
TMIN ≤ TA ≤ TMAX
−0.13
0.18
ZE
Zero code error
IOUT = 0
TA = 25°C
4
mV
TMIN ≤ TA ≤ TMAX
15
FSE
Full-scale error
IOUT = 0
TA = 25°C
−0.1
%FSR
TMIN ≤ TA ≤ TMAX
−0.75
GE
Gain error
All ones Loaded to DAC register
TA = 25°C
−0.2
%FSR
TMIN ≤ TA ≤ TMAX
−1
ZCED
Zero code error drift
−20
µV/°C
TC GE
Gain error tempco
VA = 3 V
−0.7
ppm/°C
VA = 5 V
–1
OUTPUT CHARACTERISTICS
Output voltage
(3)
TMIN ≤ TA ≤ TMAX
0
VREFIN
V
IOZ
High-impedance output
leakage current
(3)
TMIN ≤ TA ≤ TMAX
±1
µA
ZCO
Zero code output
VA = 3 V, IOUT = 200 µA
1.3
mV
VA = 3 V, IOUT = 1 mA
6
VA = 5 V, IOUT = 200 µA
7
VA = 5 V, IOUT = 1 mA
10
FSO
Full-scale output
VA = 3 V, IOUT = 200 µA
2.984
V
VA = 3 V, IOUT = 1 mA
2.934
VA = 5 V, IOUT = 200 µA
4.989
VA = 5 V, IOUT = 1 mA
4.958
IOS
Output short-circuit current
(source)
VA = 3 V, VOUT = 0 V, Input Code = FFh
–56
mA
VA = 5 V, VOUT = 0 V, Input Code = FFh
–69
Output short-circuit current
(sink)
VA = 3 V, VOUT = 3 V, Input Code = 00h
52
mA
VA = 5 V, VOUT = 5 V, Input Code = 00h
75
IO
Continuous output current
(3)
Available on each DAC output
TMIN ≤ TA ≤ TMAX
11
mA
CL
Maximum load capacitance
RL = ∞
1500
pF
RL = 2 kΩ
1500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com