Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 36 Page - Texas Instruments

Part # DLPA2000
Description  DLP3010LC 0.3 720p Digital Micromirror Device
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPA2000 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 32Page - Texas Instruments DLPA2000 Datasheet HTML 33Page - Texas Instruments DLPA2000 Datasheet HTML 34Page - Texas Instruments DLPA2000 Datasheet HTML 35Page - Texas Instruments DLPA2000 Datasheet HTML 36Page - Texas Instruments DLPA2000 Datasheet HTML 37Page - Texas Instruments DLPA2000 Datasheet HTML 38Page - Texas Instruments DLPA2000 Datasheet HTML 39Page - Texas Instruments DLPA2000 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
10 Layout
10.1 Layout Guidelines
There are no specific layout guidelines for the DMD as typically DMD is connected using a board to board
connector to a flex cable. Flex cable provides the interface of data and control signals between the DLPC3478
controller and the 7212-313BK DMD. For detailed layout guidelines refer to the layout design files. Some layout
guideline for the flex cable interface with DMD are:
• Match lengths for the LS_WDATA and LS_CLK signals.
• Minimize vias, layer changes, and turns for the HS bus signals. Refer Figure 10-1.
• Minimum of two 100-nF decoupling capacitor close to VBIAS. Capacitor C6 and C7 in Figure 10-1.
• Minimum of two 100-nF decoupling capacitor close to VRST. Capacitor C9 and C8 in Figure 10-1.
• Minimum of two 220-nF decoupling capacitor close to VOFS. Capacitor C5 and C4 in Figure 10-1.
• Minimum of four 100-nF decoupling capacitor close to VDDI and VDD. Capacitor C1, C2, C3 and C10 in
Figure 10-1.
10.2 Layout Example
Figure 10-1. Power Supply Connections
DLP3010LC
DLPS179C – APRIL 2020 – REVISED JULY 2023
www.ti.com
36
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLP3010LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com