Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 43 Page - Texas Instruments

Part # DLPA2000
Description  DLP3010LC 0.3 720p Digital Micromirror Device
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPA2000 Datasheet(HTML) 43 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 36Page - Texas Instruments DLPA2000 Datasheet HTML 37Page - Texas Instruments DLPA2000 Datasheet HTML 38Page - Texas Instruments DLPA2000 Datasheet HTML 39Page - Texas Instruments DLPA2000 Datasheet HTML 40Page - Texas Instruments DLPA2000 Datasheet HTML 41Page - Texas Instruments DLPA2000 Datasheet HTML 42Page - Texas Instruments DLPA2000 Datasheet HTML 43Page - Texas Instruments DLPA2000 Datasheet HTML 44Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
VIEW E
WINDOW AND ACTIVE ARRAY
(FROM SHEET 1)
VIEW H-H
BACK SIDE METALLIZATION
(FROM SHEET 1)
DETAIL F
APERTURE LEFT EDGE
SCALE 60 : 1
DETAIL G
APERTURE RIGHT EDGE
SCALE 60 : 1
2
1
3
4
5
6
7
8
D
C
B
A
DWG NO.
SH
8
7
6
5
4
3
1
D
C
B
A
INV11-2006a
2512014
3
SIZE
DWG NO
REV
SCALE
SHEET
OF
DATE
INSTRUMENTS
Dallas Texas
TEXAS
DRAWN
2512014
3
3
C
D
B. HASKETT
6/6/2013
F
G
B
(6.912)
ACTIVE ARRAY
(3.888)
ACTIVE ARRAY
6.449
0.075
0.971
0.05
5.179
0.05
(6.15)
WINDOW
0.193
0.0635
4.319
0.0635
(4.512)
APERTURE
8.815
0.05
(11.776)
WINDOW
3
(
2.5)
2
(
2.5)
B
0.2 A B C
 0.1A
1.25
C
(ILLUMINATION
DIRECTION)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
(0.108)
4X
7.139
0.0635
0.424
0.0635
(7.563)
APERTURE
2.961
0.05
1.784
0.075
1.25
C
57X LGA PADS
0.52±0.05 X 0.52±0.05
BACK INDEX MARK
(0.15) TYP.
(42°)
TYP.
(0.068) TYP.
(42°) TYP.
(0.068) TYP.
(0.075) TYP.
(42°)
TYP.
A
B
C
D
E
13.3632
18 X 0.7424 =
2.874
0.52
0.05
(
12X TEST PADS
)
0.7424
1.4848
=
2 X 0.7424
(0.7424)
2X
(0.7424)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com