Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 10 Page - Texas Instruments

Part # DLPA2000
Description  DLP3010LC 0.3 720p Digital Micromirror Device
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPA2000 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments DLPA2000 Datasheet HTML 12Page - Texas Instruments DLPA2000 Datasheet HTML 13Page - Texas Instruments DLPA2000 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
6.5 Thermal Information
THERMAL METRIC(1)
DLP3010LC
UNIT
FQK (LGA)
57 PINS
Thermal resistance
Active area to test point 1 (TP1)(1)
5.4
°C/W
(1)
The DMD is designed to conduct absorbed and dissipated heat to the back of the package. The cooling system must be capable of
maintaining the package within the temperature range specified in the Section 6.4. The total heat load on the DMD is largely driven by
the incident light absorbed by the active area; although other contributions include light energy absorbed by the window aperture and
electrical power dissipation of the array. Optical systems should be designed to minimize the light energy falling outside the window
clear aperture since any additional thermal load in this area can significantly degrade the reliability of the device.
6.6 Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)(10)
PARAMETER
TEST CONDITIONS(2)
MIN
TYP
MAX
UNIT
CURRENT
IDD
Supply current: VDD(3) (5)
VDD = 1.95 V
60.5
mA
VDD = 1.8 V
54
IDDI
Supply current: VDDI(3) (5)
VDDI = 1.95 V
16.5
mA
VDD = 1.8 V
11.3
IOFFSET
Supply current: VOFFSET(4) (6)
VOFFSET = 10.5 V
2.2
mA
VOFFSET = 10 V
1.5
IBIAS
Supply current: VBIAS(4) (6)
VBIAS = 18.5 V
0.6
mA
VBIAS = 18 V
0.3
IRESET
Supply current: VRESET(6)
VRESET = –14.5 V
2.4
mA
VRESET = –14 V
1.7
POWER(1)
PDD
Supply power dissipation: VDD(3) (5)
VDD = 1.95 V
118
mW
VDD = 1.8 V
97.2
PDDI
Supply power dissipation: VDDI(3) (5)
VDDI = 1.95 V
32
mW
VDD = 1.8 V
20
POFFSET
Supply power dissipation:
VOFFSET(4) (6)
VOFFSET = 10.5 V
23
mW
VOFFSET = 10 V
15
PBIAS
Supply power dissipation: VBIAS(4) (6)
VBIAS = 18.5 V
11
mW
VBIAS = 18 V
6
PRESET
Supply power dissipation: VRESET(6)
VRESET = –14.5 V
35
mW
VRESET = –14 V
24
PTOTAL
Supply power dissipation: Total
162.2
219
mW
LPSDR INPUT(7)
VIH(DC)
DC input high voltage(9)
0.7 × VDD
VDD + 0.3
V
VIL(DC)
DC input low voltage(9)
–0.3
0.3 × VDD
V
VIH(AC)
AC input high voltage(9)
0.8 × VDD
VDD + 0.3
V
VIL(AC)
AC input low voltage(9)
–0.3
0.2 × VDD
V
∆VT
Hysteresis ( VT+ – VT– )
Figure 6-12
0.1 × VDD
0.4 × VDD
V
IIL
Low–level input current
VDD = 1.95 V; VI = 0 V
–100
nA
IIH
High–level input current
VDD = 1.95 V; VI = 1.95 V
100
nA
LPSDR OUTPUT(8)
VOH
DC output high voltage
IOH = –2 mA
0.8 × VDD
V
VOL
DC output low voltage
IOL = 2 mA
0.2 × VDD
V
DLP3010LC
DLPS179C – APRIL 2020 – REVISED JULY 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLP3010LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com