Electronic Components Datasheet Search
  English  ▼

X  

INA103 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA103
Description  Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA103 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA103 Datasheet HTML 2Page - Texas Instruments INA103 Datasheet HTML 3Page - Texas Instruments INA103 Datasheet HTML 4Page - Texas Instruments INA103 Datasheet HTML 5Page - Texas Instruments INA103 Datasheet HTML 6Page - Texas Instruments INA103 Datasheet HTML 7Page - Texas Instruments INA103 Datasheet HTML 8Page - Texas Instruments INA103 Datasheet HTML 9Page - Texas Instruments INA103 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
®
INA103
6
TYPICAL PERFORMANCE CURVES (CONT)
At T
A = +25°C, VS = ±15V, unless otherwise noted.
SETTLING TIME vs GAIN
(0.01%, 20V STEP)
Gain
1
10
100
1000
10
8
6
4
2
0
NOISE VOLTAGE (RTI) vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
1k
100
10
1
G = 500 G = 1000
G = 100
G = 10
G = 1
CMR vs FREQUENCY
140
120
100
80
60
40
20
0
Frequency (Hz)
10
1M
G =
1000
100
1k
10k
100k
G =
1
G =
10
G =
500
G =
100
SMALL-SIGNAL FREQUENCY RESPONSE
70
60
50
40
30
20
10
0
–10
–20
–30
–40
–50
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
G = 1000
G = 100
G = 10
G = 1
THD + N vs FREQUENCY
1
0.1
0.010
0.001
0.0001
10
100
1k
10k 20k
Frequency (Hz)
G = 1000
G = 1
G = 100
G = 10
V
= +18dBu
OUT
V+ POWER SUPPLY REJECTION
vs FREQUENCY
140
120
100
80
60
40
20
0
Frequency (Hz)
11M
10
100
1k
10k
100k
G = 10
G = 1000
G = 1
G = 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com