Electronic Components Datasheet Search
  English  ▼

X  

INA103 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA103
Description  Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA103 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA103 Datasheet HTML 6Page - Texas Instruments INA103 Datasheet HTML 7Page - Texas Instruments INA103 Datasheet HTML 8Page - Texas Instruments INA103 Datasheet HTML 9Page - Texas Instruments INA103 Datasheet HTML 10Page - Texas Instruments INA103 Datasheet HTML 11Page - Texas Instruments INA103 Datasheet HTML 12Page - Texas Instruments INA103 Datasheet HTML 13Page - Texas Instruments INA103 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
®
INA103
10
Figure 6 shows an active control loop that adjusts the output
offset voltage to zero. A
2, R, and C form an integrator that
produces an offsetting voltage applied to one input of the
INA103. This produces a –6dB/octave low frequency roll-
off like the capacitor input coupling in Figure 5.
COMMON-MODE INPUT RANGE
For proper operation, the combined differential input signal
and common-mode input voltage must not cause the input
amplifiers to exceed their output swing limits. The linear
input range is shown in the typical performance curve
“Maximum Common-Mode Voltage vs Output Voltage.”
For a given total gain, the input common-mode range can be
increased by reducing the input stage gain and increasing the
output stage gain with the circuit shown in Figure 7.
OUTPUT SENSE
An output sense terminal allows greater gain accuracy in
driving the load. By connecting the sense connection at the
load, I•R voltage loss to the load is included inside the
feedback loop. Current drive can be increased by connect-
ing a current booster inside the feedback loop as shown in
Figure 11.
FIGURE 6. Automatic DC Restoration.
FIGURE 4. Output Offsetting.
FIGURE 5. Input Offset Adjustment for AC-Coupled Inputs.
11
10
7
16
15
13
14
6
2
1
INA103
–In
+In
50k
Ω
(1)
50k
Ω (1)
100k
Ω (1)
V
OUT
Gain = 100V/V
(40dB)
NOTE: (1) 50k
R, 100k
pot is
max recommended value. Use
smaller values in this ratio if possible.
ΩΩ
I
B
–
I
B
+
I
B
–
≈ I
B
+
≈ 2.5µA
11
10
7
16
15
13
14
6
2
1
INA103
–In
+In
100k
Ω
(1)
V
OUT
+
–
100k
Ω (1)
10k
Ω
2k
Ω
100k
Ω
R
C
1µF
Gain = 100V/V
(40dB)
NOTE: (1) 100k
is max recommended
value. Use smaller value if possible.
Ω
1/2 OPA1013
A
2
f–3dB =
Gain
12
π RC
11
10
7
16
15
13
14
6
2
1
INA103
150
Ω
–
+
150
Ω
10k
Ω
OPA27
100µA(1)
Offset Adjustment
Range = ±15mV
V–
VOUT
V+
NOTE: (1) 1/2 REF200
100µA(1)
∆VIN
Gain = 1V/V
(0dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com