Electronic Components Datasheet Search
  English  ▼

X  

INA103 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA103
Description  Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA103 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA103 Datasheet HTML 7Page - Texas Instruments INA103 Datasheet HTML 8Page - Texas Instruments INA103 Datasheet HTML 9Page - Texas Instruments INA103 Datasheet HTML 10Page - Texas Instruments INA103 Datasheet HTML 11Page - Texas Instruments INA103 Datasheet HTML 12Page - Texas Instruments INA103 Datasheet HTML 13Page - Texas Instruments INA103 Datasheet HTML 14Page - Texas Instruments INA103 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
®
INA103
11
12
7
5
RG
16
15
13
14
6
2
1
INA103
V
OUT
R
F
11 10
R
F
G = 1+
2R
R
G
F
NOTE: AD625 equivalent pinout.
VIN
∆
R
F > 10kΩ can increase noise and reduce bandwidth—see text.
FIGURE 7. Gain Adjustment of Output Stage.
FIGURE 8. Use of External Resistors for Gain Set.
OUTPUT STAGE
R1 and R3
R2
GAIN
(k
Ω)(Ω)
2
1k
2.4k
5
1.2k
632
Ω
10
1.2k
273
Ω
(R2 || 12k) + R1 + R3
(R2 || 12k)
Output Stage Gain =
11
10
7
16
15
13
14
6
2
1
INA103
VOUT
R3
R2
R1
∆VIN
A common problem with many IC op amps and instrumentation amplifiers is shown in (a). Here, the amplifier’s input is driven beyond its linear common-mode
range, forcing the output of the amplifier into the supply rails. The output then “folds back”, i.e., a more positive input voltage now causes the output of the amplifier
to go negative. The INA103 has protection circuitry to prevent fold-back, and as shown in (b), limits cleanly.
(a) AD625 G = 1, V
IN
=
±15V, R
L
= 600
Ω
(b) INA103 G = 1, V
IN
=
±15V, R
L
= 600
Ω
FIGURE 9. INA103 Overload Condition Performance.
11
10
7
VIN
16
15
13
14
6
2
1
INA103
∆
VOUT
RG
V+
V–
MJ15012
100
MJ15011
(To headphone
or speaker)
Buffer inside feedback loop
Ω
11
10
7
16
15
13
14
6
2
1
INA103
20
Ω
CMR
Trim
10
Ω
∆VIN
Gain = 1V/V
(0dB)
Introduces
approximately
+0.2% Gain Error.
FIGURE 11. Increasing Output Circuit Drive.
FIGURE 10. Optional Circuit for Externally Trimming CMR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com