Electronic Components Datasheet Search
  English  ▼

X  

INA103KP Datasheet(PDF) 3 Page - Texas Instruments

Part # INA103KP
Description  Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA103KP Datasheet(HTML) 3 Page - Texas Instruments

  INA103KP Datasheet HTML 1Page - Texas Instruments INA103KP Datasheet HTML 2Page - Texas Instruments INA103KP Datasheet HTML 3Page - Texas Instruments INA103KP Datasheet HTML 4Page - Texas Instruments INA103KP Datasheet HTML 5Page - Texas Instruments INA103KP Datasheet HTML 6Page - Texas Instruments INA103KP Datasheet HTML 7Page - Texas Instruments INA103KP Datasheet HTML 8Page - Texas Instruments INA103KP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
®
INA103
3
SPECIFICATIONS (CONT)
All specifications at TA = +25°C, VS = ±15V and RL = 2kΩ, unless otherwise noted.
INA103KP, KU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Rated Voltage
±15
V
Voltage Range
±9
±25
V
Quiescent Current
9
12.5
mA
TEMPERATURE RANGE
Specification
0
+70
°C
Operation
–40
+85
°C
Storage
–40
+100
°C
Thermal Resistance,
θ
JA
100
°C/W
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PIN CONFIGURATION
Top View
DIP or SOIC
+ Input
+ Gain Sense
+ Offset Null
– Offset Null
+ Gain Drive
+R
Ref
V–
– Input
– Gain Sense
G = 100
–R
– Gain Drive
Sense
Output
V+
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
G
G
(1)
NOTE: (1) Pin 1 Marking—SOL-16 Package
PACKAGE
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
INA103KP
Plastic DIP
180
0
°C to +70°C
INA103KU
SOL-16
211
0
°C to +70°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
Any integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet
published specifications.
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply Voltage .......................................................................
±25V
Input Voltage Range, Continuous .......................................................
±V
S
Operating Temperature Range: ........................................ –40
°C to +85°C
Storage Temperature Range: ........................................... –40
°C to +85°C
Junction Temperature:
P, U Package .............................................................................. +125
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
Output Short Circuit to Common ............................................. Continuous
NOTE: (1) Stresses above these ratings may cause permanent damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com