Electronic Components Datasheet Search
  English  ▼

X  

INA103KP Datasheet(PDF) 7 Page - Texas Instruments

Part # INA103KP
Description  Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA103KP Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA103KP Datasheet HTML 3Page - Texas Instruments INA103KP Datasheet HTML 4Page - Texas Instruments INA103KP Datasheet HTML 5Page - Texas Instruments INA103KP Datasheet HTML 6Page - Texas Instruments INA103KP Datasheet HTML 7Page - Texas Instruments INA103KP Datasheet HTML 8Page - Texas Instruments INA103KP Datasheet HTML 9Page - Texas Instruments INA103KP Datasheet HTML 10Page - Texas Instruments INA103KP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
®
INA103
7
TYPICAL PERFORMANCE CURVES (CONT)
At T
A = +25°C, VS = ±15V, unless otherwise noted.
V– POWER SUPPLY REJECTION
vs FREQUENCY
140
120
100
80
60
40
20
0
Frequency (Hz)
11M
10
100
1k
10k
100k
G = 10
G = 100, 1000
G = 1
THD + N vs LEVEL
1
0.1
0.010
0.001
0.0005
–60
–45
–30
–15
0
15
Output Amplitude (dBu)
G = 1
f = 1kHz
THD + N vs LOAD
0.1
0.01
0.001
0.0001
200
400
600
800
1k
R
( )
LOAD Ω
G = 1
V
= 20Vp-p
OUT
f = 1kHz
1
0.1
0.010
0.001
0.0001
CCIF IMD vs AMPLITUDE
–60
–50
–40
–30
–20
–10
0
10
20
Output Amplitude (dBu)
5
G = 1000
G = 100
G = 1
G = 10
1
0.1
0.010
0.001
0.0001
CCIF IMD vs FREQUENCY
Frequency (Hz)
5
G = 10
2k
10k
20k
G = 1
G = 100
G = 1000
1
0.1
0.010
0.001
SMPTE IMD vs AMPLITUDE
–60
–50
–40
–30
–20
–10
0
10
20
Output Amplitude (dBu)
5
G = 1000
G = 100
G = 1
G = 10
0.0005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com