Electronic Components Datasheet Search
  English  ▼

X  

INA103KP Datasheet(PDF) 1 Page - Texas Instruments

Part # INA103KP
Description  Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA103KP Datasheet(HTML) 1 Page - Texas Instruments

  INA103KP Datasheet HTML 1Page - Texas Instruments INA103KP Datasheet HTML 2Page - Texas Instruments INA103KP Datasheet HTML 3Page - Texas Instruments INA103KP Datasheet HTML 4Page - Texas Instruments INA103KP Datasheet HTML 5Page - Texas Instruments INA103KP Datasheet HTML 6Page - Texas Instruments INA103KP Datasheet HTML 7Page - Texas Instruments INA103KP Datasheet HTML 8Page - Texas Instruments INA103KP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
®
INA103
Low Noise, Low Distortion
INSTRUMENTATION AMPLIFIER
FEATURES
q LOW NOISE: 1nV/
√Hz
q LOW THD+N: 0.0009% at 1kHz, G = 100
q HIGH GBW: 100MHz at G = 1000
q WIDE SUPPLY RANGE:
±9V to ±25V
q HIGH CMRR: >100dB
q BUILT-IN GAIN SETTING RESISTORS:
G = 1, 100
q UPGRADES AD625
APPLICATIONS
q HIGH QUALITY MICROPHONE PREAMPS
(REPLACES TRANSFORMERS)
q MOVING-COIL PREAMPLIFIERS
q DIFFERENTIAL RECEIVERS
q AMPLIFICATION OF SIGNALS FROM:
Strain Gages (Weigh Scale Applications)
Thermocouples
Bridge Transducers
DESCRIPTION
The INA103 is a very low noise, low distortion mono-
lithic instrumentation amplifier. Its current-feedback
circuitry achieves very wide bandwidth and excellent
dynamic response. It is ideal for low-level audio
signals such as balanced low-impedance microphones.
The INA103 provides near-theoretical limit noise per-
formance for 200
Ω source impedances. Many indus-
trial applications also benefit from its low noise and
wide bandwidth.
Unique distortion cancellation circuitry reduces dis-
tortion to extremely low levels, even in high gain. Its
balanced input, low noise and low distortion provide
superior performance compared to transformer-coupled
microphone amplifiers used in professional audio
equipment.
The INA103’s wide supply voltage (
±9 to ±25V) and
high output current drive allow its use in high-level
audio stages as well. A copper lead frame in the plastic
DIP assures excellent thermal performance.
The INA103 is available in 16-pin plastic DIP and
SOL-16 surface-mount packages. Commercial and In-
dustrial temperature range models are available.
–Input
+Input
+Gain Sense
3k
Ω
60.6
Ω
G = 100
–R
–Gain Drive
+Gain Drive
Ref
Sense
Output
6k
Ω
6k
Ω
6k
Ω
3k
Ω
G
+
–
–
+
–
+
+R
G
16
15
2
1
6
13
14
12
5
7
11
10
V–
9
8
V+
3
4
Offset
Null
Offset
Null
–Gain Sense
A
1
A
2
A
3
6k
Ω
®
INA103
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
INA103
INA103
©1990 Burr-Brown Corporation
PDS-1016
I
Printed in U.S.A. March, 1998
SBOS003
A - REVISED SEPTEMBER 2023


Similar Part No. - INA103KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA103KP BURR-BROWN-INA103KP Datasheet
297Kb / 12P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA103KP BURR-BROWN-INA103KP Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA103KP TI1-INA103KP Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA103KPG4 BURR-BROWN-INA103KPG4 Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA103KPG4 TI1-INA103KPG4 Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA103KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA166 TI-INA166 Datasheet
148Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA166 TI-INA166_06 Datasheet
147Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA217 TI-INA217_07 Datasheet
342Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA217 TI1-INA217 Datasheet
966Kb / 25P
Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com