Electronic Components Datasheet Search
  English  ▼

X  

INA103KP Datasheet(PDF) 4 Page - Texas Instruments

Part # INA103KP
Description  Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA103KP Datasheet(HTML) 4 Page - Texas Instruments

  INA103KP Datasheet HTML 1Page - Texas Instruments INA103KP Datasheet HTML 2Page - Texas Instruments INA103KP Datasheet HTML 3Page - Texas Instruments INA103KP Datasheet HTML 4Page - Texas Instruments INA103KP Datasheet HTML 5Page - Texas Instruments INA103KP Datasheet HTML 6Page - Texas Instruments INA103KP Datasheet HTML 7Page - Texas Instruments INA103KP Datasheet HTML 8Page - Texas Instruments INA103KP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
®
INA103
4
TYPICAL PERFORMANCE CURVES
At T
A = +25°C, VS = ±15V, unless otherwise noted.
OUTPUT SWING vs SUPPLY
±25
±20
±15
±10
±5
±5
±10
±15
±20
±25
Power Supply Voltage (V)
INPUT VOLTAGE RANGE vs SUPPLY
±25
±20
±15
±10
±5
±5
±10
±15
±20
±25
Power Supply Voltage (V)
MAX COMMON-MODE VOLTAGE
vs OUTPUT VOLTAGE
22
16.5
11
5.5
0
5.5
11
16.5
22
Output Voltage (V)
V = ±25V
S
V = ±15V
S
OUTPUT SWING vs LOAD RESISTANCE
±16
±12
±8
±4
±0
0
200
400
600
800
1k
Load Resistance ( )
Ω
OFFSET VOLTAGE vs TIME FROM POWER UP
(G = 100)
20
10
0
–10
–20
01
2
4
5
Time (min)
3
INPUT BIAS CURRENT vs SUPPLY
2.60
Power Supply Voltage (±V)
9
10
15
20
25
2.55
2.50
2.45
2.40
2.35
2.30
2.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com