Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 18 Page - Texas Instruments

Part # INA138
Description  INA1x8 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA138 Datasheet HTML 14Page - Texas Instruments INA138 Datasheet HTML 15Page - Texas Instruments INA138 Datasheet HTML 16Page - Texas Instruments INA138 Datasheet HTML 17Page - Texas Instruments INA138 Datasheet HTML 18Page - Texas Instruments INA138 Datasheet HTML 19Page - Texas Instruments INA138 Datasheet HTML 20Page - Texas Instruments INA138 Datasheet HTML 21Page - Texas Instruments INA138 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
OUT
V+
VIN+
VIN-
PCB pad
0.1 µF
VIA to Ground Plane
Supply Voltage
Output
PCB pad
To Bus
Voltage
To Load
RL
GND
RSHUNT
INA138
INA168
18
INA138, INA168
SBOS122E – DECEMBER 1999 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: INA138 INA168
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
9 Power Supply Recommendations
The input circuitry of the INA138 can accurately measure beyond its power-supply voltage, V+. For example, the
V+ power supply can be 5 V, whereas the load power supply voltage is up to 36 V (or 60 V with the INA168).
The output voltage range of the OUT terminal, however, is limited by the lesser of the two voltages (see Output
Voltage Range). A 0.1-µF capacitor is recommenced to be placed near the power supply pin on the INA138 or
INA168. Additional capacitance may be required for applications with noisy power supply voltages.
10 Layout
10.1 Layout Guidelines
Figure 19 shows the basic connection of the INA138 device. The input pins, VIN+ and VIN– , should be connected
as closely as possible to the shunt resistor to minimize any resistance in series with the shunt resistance. The
output resistor, RL, is shown connected between pin 1 and ground. Best accuracy is achieved with the output
voltage measured directly across RL. This is especially important in high-current systems where load current
could flow in the ground connections, affecting the measurement accuracy.
No power-supply bypass capacitors are required for stability of the INA138. However, applications with noisy or
high-impedance power supplies may require decoupling capacitors to reject power-supply noise. Connect bypass
capacitors close to the device pins.
10.2 Layout Example
Figure 19. Typical Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com