Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA138
Description  INA1x8 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA138 Datasheet HTML 2Page - Texas Instruments INA138 Datasheet HTML 3Page - Texas Instruments INA138 Datasheet HTML 4Page - Texas Instruments INA138 Datasheet HTML 5Page - Texas Instruments INA138 Datasheet HTML 6Page - Texas Instruments INA138 Datasheet HTML 7Page - Texas Instruments INA138 Datasheet HTML 8Page - Texas Instruments INA138 Datasheet HTML 9Page - Texas Instruments INA138 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
2
Output error is essentially
independent of both
1
V+ supply voltage and
input common-mode voltage.
0
G = 1
G = 10
–1
G = 25
–2
0
10
20
30
40
50
Power-Supply Voltage (V)
60
70
50
40
+150°
+125°
30
+25°
–55°
20
Use INA168 with
(V+) > 36V
10
0
0
10
20
30
40
50
Power-Supply Voltage (V)
60
70
140
120
100
80
60
40
G = 1
G = 100
G = 10
20
1
10
100
1k
10k
100k
Frequency (Hz)
–10
–55°C
+25°C
+150°C
V
IN = (VIN+ – VIN–)
–15
0
25
50
75
100
125
V
IN (mV)
150
200
–5
0
5
120
100
80
60
40
G = 100
G = 10
G = 1
20
0
0.1
1
10
100
1k
10k
Frequency (Hz)
100k
40
30
R =
L
50kΩ
20
10
R =
L
5kΩ
0
R =
L
500kΩ
–10
–20
C =
L
10nF
C =
L
1nF
C =
L
100pF
100
1k
10k
100k
1M
10M
Frequency (Hz)
6
INA138, INA168
SBOS122E – DECEMBER 1999 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: INA138 INA168
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
6.6 Typical Characteristics
At TA = +25°C, V+ = 5 V, VIN+ = 12 V, and RL = 125 kΩ, unless otherwise noted.
Figure 1. Gain vs Frequency
Figure 2. Common-Mode Rejection vs Frequency
Figure 3. Power-Supply Rejection vs Frequency
Figure 4. Total Output Error vs VIN
Figure 5. Total Output Error vs Power-Supply Voltage
Figure 6. Quiescent Current vs Power-Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com