Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA138
Description  INA1x8 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138 Datasheet(HTML) 5 Page - Texas Instruments

  INA138 Datasheet HTML 1Page - Texas Instruments INA138 Datasheet HTML 2Page - Texas Instruments INA138 Datasheet HTML 3Page - Texas Instruments INA138 Datasheet HTML 4Page - Texas Instruments INA138 Datasheet HTML 5Page - Texas Instruments INA138 Datasheet HTML 6Page - Texas Instruments INA138 Datasheet HTML 7Page - Texas Instruments INA138 Datasheet HTML 8Page - Texas Instruments INA138 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
INA138, INA168
www.ti.com
SBOS122E – DECEMBER 1999 – REVISED DECEMBER 2017
Product Folder Links: INA138 INA168
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
INA1x8
UNIT
DBV
5 PINS
RθJA
Junction-to-ambient thermal resistance
168.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
73.8
°C/W
RθJB
Junction-to-board thermal resistance
28.1
°C/W
ψJT
Junction-to-top characterization parameter
2.5
°C/W
ψJB
Junction-to-board characterization parameter
27.6
°C/W
(1)
Defined as the amount of input voltage, VSENSE, to drive the output to zero.
6.5 Electrical Characteristics
all other characteristics at TA = +25°C, VS = 5 V, VIN+ = 12 V, and ROUT = 125 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
INA1x8
UNIT
MIN
TYP
MAX
INPUT
Common-mode rejection
VSENSE = 50 mV
INA138, VIN+ = 2.7 V to 36 V
100
120
dB
INA168, VIN+ = 2.7 V to 60 V
100
120
Offset voltage(1)
TA = 25°C
±0.2
±1
mV
TA = –40°C to +125°C
±2
Offset voltage drift(1)
TA = –40°C to +125°C
1
µV/°C
Offset voltage vs power supply, V+
VSENSE = 50 mV
INA138, V+ = 2.7 V to 36 V
0.1
10
µV/V
INA168, V+ = 2.7 V to 60 V
0.1
10
Input bias current
TA = 25°C
2
µA
TA = –40°C to +125°C, INA138
10
OUTPUT
Transconductance
VSENSE = 10 mV to 150 mV, TA = 25°C
198
200
202
µA/V
VSENSE = 100 mV, TA = –40°C to +125°C
196
204
µA/V
Transconductance drift
TA = –40°C to +125°C
10
nA/°C
Nonlinearity error
VSENSE = 10 mV to 150 mV
±0.01%
±0.1%
Total output error
VSENSE = 100 mV
TA = 25°C
±0.5%
±2%
TA = –40°C to +125°C
±2.5%
Output impedance
1 || 5
G
Ω || pF
Voltage output swing
To power supply voltage, V+
(V+) – 0.8
(V+) – 1.0
V
To common-mode voltage, VCM
VCM – 0.5
VCM – 0.8
V
FREQUENCY RESPONSE
Bandwidth
ROUT = 5 kΩ
800
kHz
ROUT = 125 kΩ
32
kHz
Settling time
To 0.1%
5-V step, ROUT = 5 kΩ
1.8
µs
5-V step, ROUT = 125 kΩ
30
µs
NOISE
Output-current noise density
9
pA/
√Hz
Total output-current noise
BW = 100 kHz
3
nA RMS
POWER SUPPLY
Quiescent current
VSENSE = 0 V,
IO = 0 mA
TA = 25°C
25
45
µA
TA = –40°C to +125°C
60
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com