Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA138
Description  INA1x8 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA138 Datasheet HTML 7Page - Texas Instruments INA138 Datasheet HTML 8Page - Texas Instruments INA138 Datasheet HTML 9Page - Texas Instruments INA138 Datasheet HTML 10Page - Texas Instruments INA138 Datasheet HTML 11Page - Texas Instruments INA138 Datasheet HTML 12Page - Texas Instruments INA138 Datasheet HTML 13Page - Texas Instruments INA138 Datasheet HTML 14Page - Texas Instruments INA138 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
+
RL
OPA340
ADC
RS
C
IS
Buffer amplifier
drives ADC without
affecting gain
INA138
or
INA168
VIN+
VIN-
11
INA138, INA168
www.ti.com
SBOS122E – DECEMBER 1999 – REVISED DECEMBER 2017
Product Folder Links: INA138 INA168
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
8.2 Typical Applications
The INA1x8 devices are designed for current shunt measurement circuits, as shown in Figure 9, but basic device
function is useful in a wide range of circuitry. A creative engineer will find many unforeseen uses in measurement
and level-shifting circuits. A few ideas are illustrated in Figure 10 through Figure 18.
8.2.1 Buffering Output to Drive an ADC
Figure 10. Buffering Output to Drive an ADC
8.2.1.1 Design Requirements
Digitize the output of the INA1x8 devices using a 1-MSPS analog-to-digital converter (ADC).
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Selecting the Shunt Resistor and RL
In Figure 9 the value chosen for the shunt resistor depends on the application and is a compromise between
small-signal accuracy and maximum permissible voltage loss in the measurement line. High values of shunt
resistor provide better accuracy at lower currents by minimizing the effects of offset, while low values of shunt
resistor minimize voltage loss in the supply line. For most applications, best performance is attained with a shunt
resistor value that provides a full-scale shunt voltage range of 50 mV to 100 mV. Maximum input voltage for
accurate measurements is 500 mV.
The load resistor, RL, is chosen to provide the desired full-scale output voltage. The output impedance of the
INA1x8 OUT terminal is very high which permits using values of RL up to 500 kΩ with excellent accuracy. The
input impedance of any additional circuitry at the output should be much higher than the value of RL to avoid
degrading accuracy.
Some analog-to-digital converters (ADCs) have input impedances that significantly affect measurement gain. The
input impedance of the ADC can be included as part of the effective RL if its input can be modeled as a resistor
to ground. Alternatively, an op amp can be used to buffer the ADC input. The INA1x8 are current output devices,
and as such have an inherently large output impedance. The output currents from the amplifier are converted to
an output voltage via the load resistor, RL, connected from the amplifier output to ground. The ratio of the load
resistor value to that of the internal resistor value determines the voltage gain of the system.
In many applications digitizing the output of the INA1x8 device is required, and can be accomplished by
connecting the output of the amplifier to an ADC. It is very common for an ADC to have a dynamic input
impedance. If the INA1x8 output is connected directly to an ADC input, the input impedance of the ADC is
effectively connected in parallel with the gain setting resistor RL. This parallel impedance combination will affect
the gain of the system and the impact on the gain is difficult to estimate accurately. A simple solution that
eliminates the paralleling of impedances, simplifying the gain of the circuit is to place a buffer amplifier, such as
the OPA340, between the output of the INA138 or INA168 device and the input to the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com