Electronic Components Datasheet Search
  English  ▼

X  

INA193A Datasheet(PDF) 2 Page - Texas Instruments

Part # INA193A
Description  CURRENT SHUNT MONITORS –16-V to 80-V COMMON MODE RANGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA193A Datasheet(HTML) 2 Page - Texas Instruments

  INA193A Datasheet HTML 1Page - Texas Instruments INA193A Datasheet HTML 2Page - Texas Instruments INA193A Datasheet HTML 3Page - Texas Instruments INA193A Datasheet HTML 4Page - Texas Instruments INA193A Datasheet HTML 5Page - Texas Instruments INA193A Datasheet HTML 6Page - Texas Instruments INA193A Datasheet HTML 7Page - Texas Instruments INA193A Datasheet HTML 8Page - Texas Instruments INA193A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
R
S
A1
A2
R
L
Load
V
IN+
Negative
and
Positive
Common-Mode
Voltage
V+
I
S
OUT
R1
R1
-16 V to 80 V
2.7 V to 18 V
+
-
+
-
V
IN+
V
IN-
INA193A
INA193A-EP
SBOS400A – MAY 2007 – REVISED SEPTEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55°C to 125°C
SOT23-5 – DBV
INA193AMDBVREP
CCC
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
MODEL
GAIN
PACKAGE
INA193A
20 V/V
SOT23-5
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: INA193A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com