Electronic Components Datasheet Search
  English  ▼

X  

INA193A Datasheet(PDF) 12 Page - Texas Instruments

Part # INA193A
Description  CURRENT SHUNT MONITORS –16-V to 80-V COMMON MODE RANGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA193A Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA193A Datasheet HTML 8Page - Texas Instruments INA193A Datasheet HTML 9Page - Texas Instruments INA193A Datasheet HTML 10Page - Texas Instruments INA193A Datasheet HTML 11Page - Texas Instruments INA193A Datasheet HTML 12Page - Texas Instruments INA193A Datasheet HTML 13Page - Texas Instruments INA193A Datasheet HTML 14Page - Texas Instruments INA193A Datasheet HTML 15Page - Texas Instruments INA193A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
GainError% + 100 * 100
5k W
5k W ) RFILT
INA193A-EP
SBOS400A – MAY 2007 – REVISED SEPTEMBER 2013
www.ti.com
Output Voltage Range
The output of the INA193A is accurate within the output voltage swing range set by the power-supply pin, V+.
This is best illustrated when using the INA195A or INA198A (which are both versions using a gain of 100), where
a 100 mV full-scale input from the shunt resistor requires an output voltage swing of 10 V, and a power-supply
voltage sufficient to achieve 10 V on the output.
RFI/EMI
Attention to good layout practices is always recommended. Keep traces short and, when possible, use a printed
circuit board (PCB) ground plane with surface-mount components placed as close to the device pins as possible.
Small ceramic capacitors placed directly across amplifier inputs can reduce RFI/EMI sensitivity. PCB layout
should locate the amplifier as far away as possible from RFI sources. Sources can include other components in
the same system as the amplifier itself, such as inductors (particularly switched inductors handling a lot of current
and at high frequencies). RFI can generally be identified as a variation in offset voltage or dc signal levels with
changes in the interfering RF signal. If the amplifier cannot be located away from sources of radiation, shielding
may be needed. Twisting wire input leads makes them more resistant to RF fields.
Input Filtering
An obvious and straightforward location for filtering is at the output of the INA193A; however, this location
negates the advantage of the low output impedance of the internal buffer. The only other option for filtering is at
the input pins of the INA193A, which is complicated by the internal 5-k
Ω + 30% input impedance; this is
illustrated in Figure 5. Using the lowest possible resistor values minimizes both the initial shift in gain and effects
of tolerance. The effect on initial gain is given by:
(3)
Total effect on gain error can be calculated by replacing the 5-k
Ω term with 5 kΩ – 30%, (or 3.5 kΩ) or
5 k
Ω + 30% (or 6.5 kΩ). The tolerance extremes of RFILT can also be inserted into the equation. If a pair of 100-Ω
1% resistors are used on the inputs, the initial gain error will be approximately 2%. Worst-case tolerance
conditions will always occur at the lower excursion of the internal 5-k
Ω resistor (3.5 kΩ), and the higher excursion
of RFILT – 3% in this case. Note that the specified accuracy of the INA193A must then be combined in addition to
these tolerances. While this discussion treated accuracy worst-case conditions by combining the extremes of the
resistor values, it is appropriate to use geometric mean or root sum square calculations to total the effects of
accuracy variations.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: INA193A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com