Electronic Components Datasheet Search
  English  ▼

X  

INA193A Datasheet(PDF) 13 Page - Texas Instruments

Part # INA193A
Description  CURRENT SHUNT MONITORS –16-V to 80-V COMMON MODE RANGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA193A Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA193A Datasheet HTML 9Page - Texas Instruments INA193A Datasheet HTML 10Page - Texas Instruments INA193A Datasheet HTML 11Page - Texas Instruments INA193A Datasheet HTML 12Page - Texas Instruments INA193A Datasheet HTML 13Page - Texas Instruments INA193A Datasheet HTML 14Page - Texas Instruments INA193A Datasheet HTML 15Page - Texas Instruments INA193A Datasheet HTML 16Page - Texas Instruments INA193A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LOAD
V
SUPPLY
1
C
FILT
V+
R
1
R
L
R
1
5 kW
R
R
SHUNT
FILTER
<<
R
100
FILT <
W
R
100
FILT <
W
V
IN+
f
-3dB
2 (2 R
) C
p
FILT
FILT
f
=
-3dB
V
IN-
+5 V
5 kW
OUT
INA193A
INA193A-EP
www.ti.com
SBOS400A – MAY 2007 – REVISED SEPTEMBER 2013
Figure 5. Input Filter (Gain Error – 15% to –2.2%)
Inside the INA193A
The INA193A uses a new, unique internal circuit topology that provides common-mode range extending from –16
V to 80 V while operating from a single power supply. The common-mode rejection in a classic instrumentation
amp approach is limited by the requirement for accurate resistor matching. By converting the induced input
voltage to a current, the INA193A provides common-mode rejection that is no longer a function of closely
matched resistor values, providing the enhanced performance necessary for such a wide common-mode range.
A simplified diagram (shown in Figure 6) shows the basic circuit function. When the common-mode voltage is
positive, amplifier A2 is active.
The differential input voltage, (VIN+) – (VIN–) applied across RS, is converted to a current through a resistor. This
current is converted back to a voltage through RL, and then amplified by the output buffer amplifier. When the
common-mode voltage is negative, amplifier A1 is active. The differential input voltage, (VIN+) – (VIN–) applied
across RS, is converted to a current through a resistor. This current is sourced from a precision current mirror
whose output is directed into RL converting the signal back into a voltage and amplified by the output buffer
amplifier. Patent-pending circuit architecture ensures smooth device operation, even during the transition period
where both amplifiers A1 and A2 are active.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: INA193A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com