Electronic Components Datasheet Search
  English  ▼

X  

INA193A Datasheet(PDF) 8 Page - Texas Instruments

Part # INA193A
Description  CURRENT SHUNT MONITORS –16-V to 80-V COMMON MODE RANGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA193A Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA193A Datasheet HTML 4Page - Texas Instruments INA193A Datasheet HTML 5Page - Texas Instruments INA193A Datasheet HTML 6Page - Texas Instruments INA193A Datasheet HTML 7Page - Texas Instruments INA193A Datasheet HTML 8Page - Texas Instruments INA193A Datasheet HTML 9Page - Texas Instruments INA193A Datasheet HTML 10Page - Texas Instruments INA193A Datasheet HTML 11Page - Texas Instruments INA193A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
R
S
Load
I
S
V+
OUT
R
L
R
1
R
2
2.7 V to 18 V
-
16 V to 80 V
V
IN+
V
IN
-
V
IN+
INA193A
INA193A-EP
SBOS400A – MAY 2007 – REVISED SEPTEMBER 2013
www.ti.com
APPLICATION INFORMATION
Basic Connection
Figure 1 shows the basic connection of INA193A. The input pins, VIN+ and VIN–, should be connected as closely
as possible to the shunt resistor to minimize any resistance in series with the shunt resistance.
Power-supply bypass capacitors are required for stability. Applications with noisy or high impedance power
supplies may require additional decoupling capacitors to reject power supply noise. Connect bypass capacitors
close to the device pins.
Figure 1. INA193A Basic Connection
Power Supply
The input circuitry of the INA193A can accurately measure beyond its power supply voltage, V+. For example,
the V+ power supply can be 5 V, whereas the load power supply voltage is up to 80 V. The output voltage range
of the OUT terminal, however, is limited by the voltages on the power-supply pin.
Accuracy Variations as a Result of VSENSE and Common-Mode Voltage
The
accuracy
of
the
INA193A
current
shunt
monitors
is
a
function
of
two
main
variables:
VSENSE (VIN+ – VIN–) and common-mode voltage, VCM, relative to the supply voltage, VS. VCM is expressed as
(VIN+ + VIN–)/2; however, in practice, VCM is seen as the voltage at VIN+ because the voltage drop across VSENSE
is usually small.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: INA193A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com