Electronic Components Datasheet Search
  English  ▼

X  

ISO1540 Datasheet(PDF) 24 Page - Texas Instruments

Part # ISO1540
Description  ISO154x Low-Power Bidirectional I2C Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1540 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO1540 Datasheet HTML 20Page - Texas Instruments ISO1540 Datasheet HTML 21Page - Texas Instruments ISO1540 Datasheet HTML 22Page - Texas Instruments ISO1540 Datasheet HTML 23Page - Texas Instruments ISO1540 Datasheet HTML 24Page - Texas Instruments ISO1540 Datasheet HTML 25Page - Texas Instruments ISO1540 Datasheet HTML 26Page - Texas Instruments ISO1540 Datasheet HTML 27Page - Texas Instruments ISO1540 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
interface to sensors and actuators. The ISO1541 device provides the required isolation between different ground
potentials of the system controller, remote sensor, and actuator circuitry to prevent ground loop currents that
otherwise may falsify the acquired data.
The entire circuit operates from a single 3.3-V supply. A low-power push-pull converter, SN6501, drives a
center-tapped transformer with an output that is rectified and linearly regulated to provide a stable 5-V supply for
the data converter.
VCC1
VCC2
GND1
GND2
8
7
4
5
4
XOUT
XIN
5
6
2
MSP430
G2132
1
2
3
DVss
DVcc
0.1 μF
0.1 μF
0.1 μF
6
SDA
SCL
9
8
10 μF
VS
0.1 μF
MBR0520L
MBR0520L
1:2.2
0.1 μF
3
1
D2
SN6501
D1
Vcc
4,5
2
GND
3.3V
IN
ON
GND
OUT
1
5
2
3
LP2981-50
10 μF
10 μF
SDA2
SDA1
SCL1
SCL2
1.5 kΩ
1.5 kΩ
1. kΩ
5
1. kΩ
5
0.1 μF
8
VDD
GND
AIN0
2
1
9
10
SDA
SCL
4
ADDR
ADS 1115
AIN3
RDY
3
4 Analog
Inputs
7
V
IN
GND
V
OUT
2
6
4
REF5040
1 μF
22 μF
4
VDD
V
A
OUT
V
D
OUT
V
H
REF
V
L
REF
11
10
SDA
SCL
1
DAC8574
8
GND
6
12
3
A2
15
IOV
DD
5
4 Analog
Outputs
A3
16
A0
13
9
14
LDAC
A1
0.1 μF
5VISO
5VISO
5VISO
5VISO
ISO-BARRIER
1 Ω
Copyright © 2016, Texas Instruments Incorporated
ISO1541
Figure 8-4. Isolated I2C Data Acquisition System
8.2.1 Design Requirements
The recommended power supply voltages (VCC1 and VCC2) must be from 3 V to 5.5 V. A recommended
decoupling capacitor with a value of 0.1 µF is required between both the VCC1 and GND1 pins, and the VCC2
and GND2 pins to support of power supply voltages transient and to ensure reliable operation at all data rates.
8.2.2 Detailed Design Procedure
The power-supply capacitor with a value of 0.1-µF must be placed as close to the power supply pins as possible.
The recommended placement of the capacitors must be 2-mm maximum from input and output power supply
pins (VCC1 and VCC2).
The maximum load permissible on the input lines, SDA1 and SCL1, is ≤ 40 pF and on the output lines, SDA2
and SCL2, is ≤ 400 pF.
The minimum pullup resistors on the input lines, SDA1 and SCL1 to VCC1 must be selected in such a way that
input current drawn is ≤ 3.5 mA. The minimum pullup resistors on the input lines, SDA2 and SCL2, to VCC2
must be selected in such a way that output current drawn is ≤ 35 mA. The maximum pullup resistors on the input
ISO1540, ISO1541
SLLSEB6F – JULY 2012 – REVISED DECEMBER 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com