Electronic Components Datasheet Search
  English  ▼

X  

ISO1540 Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO1540
Description  ISO154x Low-Power Bidirectional I2C Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1540 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO1540 Datasheet HTML 4Page - Texas Instruments ISO1540 Datasheet HTML 5Page - Texas Instruments ISO1540 Datasheet HTML 6Page - Texas Instruments ISO1540 Datasheet HTML 7Page - Texas Instruments ISO1540 Datasheet HTML 8Page - Texas Instruments ISO1540 Datasheet HTML 9Page - Texas Instruments ISO1540 Datasheet HTML 10Page - Texas Instruments ISO1540 Datasheet HTML 11Page - Texas Instruments ISO1540 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
6.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
VALUE
UNIT
GENERAL
CLR
External clearance(1)
Shortest terminal-to-terminal distance through air
>4
mm
CPG
External creepage(1)
Shortest terminal-to-terminal distance across the
package surface
>4
mm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
0.014
mm
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112
>400
V
Material group
II
Overvoltage category
Rated mains voltage ≤ 150 VRMS
I–IV
Rated mains voltage ≤ 300 VRMS
I–III
DIN EN IEC 60747-17 (VDE 0884-17)(2)
VIORM
Maximum repetitive peak isolation voltage AC voltage (bipolar)
566
VPK
VIOTM
Maximum transient isolation voltage
VTEST = VIOTM
t = 60 s (qualification)
t = 1 s (100% production)
4242
VPK
qpd
Apparent charge(3)
Method a: After I/O safety test subgroup 2/3, Vini =
VIOTM, tini = 60 s; Vpd(m) = 1.2 × VIORM = 680 VPK, tm
= 10 s
<5
pC
Method a: After environmental tests subgroup 1,
Vini = VIOTM, tini = 60 s; Vpd(m) = 1.6 × VIORM = 906
VPK, tm = 10 s
<5
Method b1: At routine test (100% production) and
preconditioning (type test) Vini = VIOTM, tini = 1 s;
Vpd(m) = 1.875 × VIORM = 1062 VPK, tm = 1 s
<5
CIO
Barrier capacitance, input to output(4)
VIO = 0.4 sin (2πft), f = 1 MHz
~1
pF
RIO
Isolation resistance, input to output(4)
VIO = 500 V, TA = 25°C
>1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ 125°C
>1011
VIO = 500 V at TS = 150°C
>109
Pollution degree
2
Climatic category
40/125/21
UL 1577
VISO
Withstand isolation voltage
VTEST = VISO = 2500 VRMS, t = 60 s (qualification);
VTEST = 1.2 × VISO = 3000 VRMS, t = 1 s (100%
production)
2500
VRMS
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application.
Care should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of
the isolator on the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become
equal in certain cases. Techniques such as inserting grooves and/or ribs on a printed circuit board are used to help increase these
specifications.
(2)
This coupler is suitable for basic electrical insulation only within the maximum operating ratings. Compliance with the safety ratings
shall be ensured by means of suitable protective circuits.
(3)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(4)
All pins on each side of the barrier tied together creating a two-terminal device
ISO1540, ISO1541
SLLSEB6F – JULY 2012 – REVISED DECEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com