Electronic Components Datasheet Search
  English  ▼

X  

ISO1540 Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO1540
Description  ISO154x Low-Power Bidirectional I2C Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1540 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO1540 Datasheet HTML 3Page - Texas Instruments ISO1540 Datasheet HTML 4Page - Texas Instruments ISO1540 Datasheet HTML 5Page - Texas Instruments ISO1540 Datasheet HTML 6Page - Texas Instruments ISO1540 Datasheet HTML 7Page - Texas Instruments ISO1540 Datasheet HTML 8Page - Texas Instruments ISO1540 Datasheet HTML 9Page - Texas Instruments ISO1540 Datasheet HTML 10Page - Texas Instruments ISO1540 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
ISO154x
UNIT
D (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
114.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
69.6
°C/W
RθJB
Junction-to-board thermal resistance
55.3
°C/W
ψJT
Junction-to-top characterization parameter
27.2
°C/W
ψJB
Junction-to-board characterization parameter
54.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150 °C, C1
= 20 pF, C2 = 400 pF; R1 = 1.4 kΩ, R2 =
94 Ω; Input a 1-MHz 50% duty cycle clock
signal
105
mW
PD1
Maximum power dissipation (side-1)
37
mW
PD2
Maximum power dissipation (side-2)
68
mW
www.ti.com
ISO1540, ISO1541
SLLSEB6F – JULY 2012 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com