Electronic Components Datasheet Search
  English  ▼

X  

LM2936 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM2936
Description  LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2936 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM2936 Datasheet HTML 13Page - Texas Instruments LM2936 Datasheet HTML 14Page - Texas Instruments LM2936 Datasheet HTML 15Page - Texas Instruments LM2936 Datasheet HTML 16Page - Texas Instruments LM2936 Datasheet HTML 17Page - Texas Instruments LM2936 Datasheet HTML 18Page - Texas Instruments LM2936 Datasheet HTML 19Page - Texas Instruments LM2936 Datasheet HTML 20Page - Texas Instruments LM2936 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
IN
OUT
GND
CIN
COUT
VIN
VOUT
LOAD
IOUT
IGND
IIN = IGND + IOUT
LM2936
www.ti.com
SNOSC48O – JUNE 2000 – REVISED DECEMBER 2014
Thermal Considerations (continued)
space
Figure 26. Current Paths for Power Dissipation Calculation
Knowing the power dissipation (PD), the thermal resistance of the package (RθJA), and the ambient temperature
(TA), the junction temperature (TJ) can be estimated using the following formula:
TJ = (PD × RθJA) + TA
(2)
Knowing the thermal resistance of the package (RθJA), the ambient temperature (TA), and the maximum allowed
operating junction temperature (TJ) of 125°C, the maximum power dissipation can be estimated using the
following formula:
PD(MAX) = (125°C – TA) / RθJA
(3)
Alternately, solving for the required thermal resistance (RθJA):
RθJA = (125°C – TA) / PD(MAX)
(4)
The maximum allowed PD information from Equation 3 can be used to estimate the maximum allowed load
current (IOUT), or the maximum allowed VIN:
VIN(MAX) = (PD(MAX) / IOUT) + VOUT
(5)
IOUT(MAX) = (PD(MAX) / (VIN – VOUT))
(6)
As an example, an application requires : VIN = 14 V, VOUT = 5 V, IOUT = 25 mA, and TA = 85°C. Find the
maximum RθJA to keep the junction temperature under 125°C.
RθJA ≤ (125°C – TA) / PD(MAX)
(7)
RθJA ≤ (125°C – 85°C) / ((14 V – 5 V) × 0.025 A)
(8)
RθJA ≤ 40°C / 0.225W
(9)
RθJA ≤ 177°C/W
(10)
The EIA/JEDEC standard (JESD51-2) provides methodologies to estimate the junction temperature from external
measurements (
ΨJB references the temperature at the PCB, and ΨJT references the temperature at the top
surface of the package) when operating under steady-state power dissipation conditions. These methodologies
have been determined to be relatively independent of the copper thermal spreading area that may be attached to
the package DAP when compared to the more typical RθJA. Refer to Texas Instruments Application Report
Semiconductor and IC Package Thermal Metrics (SPRA953), for specifics.
On the 8-pin SOIC (D) package, the four ground pins are thermally connected to the backside of the die. Adding
approximately 0.04 square inches of 2 oz. copper pad area to these four pins will improve the JEDEC RθJA rating
from 111.4°C/W to approximately 100°C/W. If this extra copper area is placed directly beneath the SOIC
package there should not be any impact on board density.
The LM2936 has an internally set thermal shutdown point of typically 160°C. Thermal shutdown is outside the
ensured operating temperature range and is intended as a safety feature only. Continuous operation near the
thermal shutdown temperature should be avoided as it may have a negative affect on the life of the device.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM2936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com