Electronic Components Datasheet Search
  English  ▼

X  

LM2936 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2936
Description  LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2936 Datasheet(HTML) 4 Page - Texas Instruments

  LM2936 Datasheet HTML 1Page - Texas Instruments LM2936 Datasheet HTML 2Page - Texas Instruments LM2936 Datasheet HTML 3Page - Texas Instruments LM2936 Datasheet HTML 4Page - Texas Instruments LM2936 Datasheet HTML 5Page - Texas Instruments LM2936 Datasheet HTML 6Page - Texas Instruments LM2936 Datasheet HTML 7Page - Texas Instruments LM2936 Datasheet HTML 8Page - Texas Instruments LM2936 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
LM2936
SNOSC48O – JUNE 2000 – REVISED DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
Input voltage (survival)
−50
60
V
Power dissipation (3)
Internally limited
Junction temperature (TJMAX)
150
°C
Storage temperature, Tstg
−65
150
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating ratings.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The maximum power dissipation is a function of TJ(MAX), RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) − TA) / RθJA. If this dissipation is exceeded, the die temperature can rise above the TJ(MAX) of 150°C, and
the LM2936 may go into thermal shutdown.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. .
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
Temperature, TJ
−40
125
°C
Input voltage, VIN , LM2936
5.5
40
V
Input voltage, VIN , LM2936HV only
5.5
60
V
Shutdown pin voltage, VSD, LM2936BM only
0
40
V
6.4 Thermal Information
LM2936
SOIC (D)
TO-252
VSSOP
SOT-223
TO-92 (LP)
THERMAL METRIC(1)
UNIT
(NDP)
(DGK)
(DCY)
8 PINS
3 PINS
8 PINS
4 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
111.4
50.5
173.4
62.8
156.8
RθJC(top)
Junction-to-case (top) thermal resistance
56.3
52.6
65.9
44.2
80.4
RθJB
Junction-to-board thermal resistance
51.9
29.7
94.9
11.7
n/a
°C/W
ψJT
Junction-to-top characterization parameter
10.9
4.8
9.6
3.6
24.5
ψJB
Junction-to-board characterization parameter
51.4
29.3
93.3
11.6
136.0
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
1.6
n/a
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM2936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com