Electronic Components Datasheet Search
  English  ▼

X  

LM2936 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2936
Description  LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2936 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2936 Datasheet HTML 8Page - Texas Instruments LM2936 Datasheet HTML 9Page - Texas Instruments LM2936 Datasheet HTML 10Page - Texas Instruments LM2936 Datasheet HTML 11Page - Texas Instruments LM2936 Datasheet HTML 12Page - Texas Instruments LM2936 Datasheet HTML 13Page - Texas Instruments LM2936 Datasheet HTML 14Page - Texas Instruments LM2936 Datasheet HTML 15Page - Texas Instruments LM2936 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
+
Current
Limit
Thermal
Shutdown
IN
OUT
GND
LM2936
PNP
Bandgap
Reference
LM2936
SNOSC48O – JUNE 2000 – REVISED DECEMBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The LM2936 ultra-low quiescent current regulator features low dropout voltage and low current in the standby
mode. With less than 15
μA quiescent current at a 100-μA load, the LM2936 is ideally suited for automotive and
other battery operated systems. The LM2936 retains all of the features that are common to low dropout
regulators including a low dropout PNP pass device, short circuit protection, reverse battery input protection, and
thermal shutdown. The LM2936 has a 40-V maximum operating voltage limit, a
−40°C to 125°C operating
temperature range, and ±3% output voltage tolerance over the entire output current, input voltage, and
temperature range.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 High Input Operating Voltage
Unlike namy other PNP low dropout regulators, the LM2936 remains fully operational with VIN = 40 V, and the
LM2936HV remains fully operational with VIN = 60 V . Owing to power dissipation characteristics of the available
packages, full output current cannot be ensured for all combinations of ambient temperature and input voltage.
While the LM2936HV maintains regulation to 60 V, it will not withstand a short circuit to ground on the output
when VIN is above 40 V because of safe operating area limitations in the internal PNP pass device. Above 60V
the LM2936 will break down with catastrophic effects on the regulator and possibly the load as well. Do not use
this device in a design where the input operating voltage may exceed 40 V, or where transients are likely to
exceed 60 V.
7.3.2 Thermal Shutdown (TSD)
The TSD circuitry of the LM2936 has been designed to protect the device against temporary thermal overload
conditions. The TSD circuitry is not intended to replace proper heat-sinking. Continuously running the LM2936
device at TSD may degrade device reliability as the junction temperature will be exceeding the absolute
maximum junction temperature rating. If the LM2936 goes into TSD mode, the output current will be shut off until
the junction temperature falls approximately 10°C, then the output current will automatically be restored. The
LM2936 will continuously cycle in and out of TSD until the condition is corrected. The LM2936 TSD junction
temperature is typically 160°C.
12
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM2936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com