Electronic Components Datasheet Search
  English  ▼

X  

LM2936 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2936
Description  LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2936 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2936 Datasheet HTML 9Page - Texas Instruments LM2936 Datasheet HTML 10Page - Texas Instruments LM2936 Datasheet HTML 11Page - Texas Instruments LM2936 Datasheet HTML 12Page - Texas Instruments LM2936 Datasheet HTML 13Page - Texas Instruments LM2936 Datasheet HTML 14Page - Texas Instruments LM2936 Datasheet HTML 15Page - Texas Instruments LM2936 Datasheet HTML 16Page - Texas Instruments LM2936 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
LM2936
www.ti.com
SNOSC48O – JUNE 2000 – REVISED DECEMBER 2014
Feature Description (continued)
7.3.3 Short-Circuit Current Limit
The output current limiting circuitry of the LM2936 has been designed to limit the output current in cases where
the load impedance is unusually low. This includes situations where the output may be shorted directly to ground.
Continuous operation of the LM2936 at the current limit will typically result in the LM2936 transitioning into TSD
mode.
7.3.4 Shutdown (SD) Pin
The LM2936BM has a pin for shutting down the regulator output. Applying a Logic Level High (> 2 V) to the SD
pin will cause the output to turn off. Leaving the SD pin open, connecting it to Ground, or applying a Logic Level
Low (< 0.6 V) will allow the regulator output to turn on.
7.4 Device Functional Modes
The LM2936 design does not include any undervoltage lockout (UVLO), or overvoltage shutdown (OVSD)
functions. Generally, the output voltage will track the input voltage until the input voltage is greater than VOUT + 1
V. When the input voltage is greater than VOUT + 1 V the LM2936 will be in linear operation, and the output
voltage will be regulated; however, the device will be sensitive to any small perturbation of the input voltage.
Device dynamic performance is improved when the input voltage is at least 2 V greater than the output voltage.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com