Electronic Components Datasheet Search
  English  ▼

X  

PMPB16EP Datasheet(PDF) 28 Page - Nexperia B.V. All rights reserved

Part # PMPB16EP
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB16EP Datasheet(HTML) 28 Page - Nexperia B.V. All rights reserved

Back Button PMPB16EP Datasheet HTML 24Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 25Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 26Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 27Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 28Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 29Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 30Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 31Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 32Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 234 page
background image
Low VCEsat transistors single NPN up to 750 mW
Automotive-qualified
Package
SOT23
SOT323
(SC-70)
SOT363
(SC-88)
DFN1006-3
(SOT883)
DFN1006B-3
(SOT883B)
DFN1010D-3
(SOT1215)
Size (mm)
2.9 x 1.3 x 1.0
2.0 x 1.25 x 0.95
2.0 x 1.25 x 0.95
1.0 x 0.6 x 0.48
1.0 x 0.6 x 0.37
1.1 x 1.0 x 0.37
Ptot (mW)
480
350
430
250
250
750
V
CEO
(V)
I
C
(A)
I
CM
(A)
h
FE
min/typ
@ I
C
(A)
@ V
CE
(V)
V
CEsat typ (mV);
I
C = 0.5 A; IB =
0�05 A
15
0.5
1
200 / 325
0.01
2
-
PBSS2515M
PBSS2515MB
20
1
3
350 / 470
0.1
2
110 2)
PBSS4120T
2
5
220 / 330
0.1
2
45
PBSS4320T
4.3
8
300 / 550
0.5
2
21
PBSS4021NT
30
1
1.5
230 / 380
0.5
2
90
PBSS4130QA
3
300 / 450
0.5
2
120 2)
PBSS4130T
2
3
300 / 450
0.5
2
70
PBSS4230T
230 / 380
0.5
2
75
PBSS4230QA
2.6
5
300 / 500
0.5
2
80
PBSS4032NT 3)
40
0.5
1
200 / 550
0.01
2
200 2)
PBSS2540M
PBSS2540MB
1
2
300 / 440
0.5
5
130
PBSS4140U
300 / 510
0.5
5
120
PMMT491A
300 / 420
0.5
5
130
PBSS4140T
2
3
350 / 470
0.1
2
70
PBSS4240Y
300 / 450
0.5
2
70
PBSS4240T
50
2
5
300 / 495
0.5
2
60
PBSS4350T
60
1
1.5
150 / 240
0.5
2
90
PBSS4160QA
2
200 / 420
0.5
5
120
PBSS4160U
200 / 350
0.5
5
110
PBSS4160T
2
3
150 / 240
0.5
2
75
PBSS4260QA
3.8
8
300 / 500
0.5
2
29
PBSS4041NT
100
1
3
150 / 400
0.25
10
80
PBSS8110Y
150 / 300
0.25
10
70
PBSS8110T
1)
I
C / IB = 20
2)
V
CEsat (max)
3)
Optimized for high-speed switching
Low V
CEsat transistors
Types in
bold represent new products
Nexperia selection guide 2020
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com