Electronic Components Datasheet Search
  English  ▼

X  

PMPB16EP Datasheet(PDF) 92 Page - Nexperia B.V. All rights reserved

Part # PMPB16EP
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB16EP Datasheet(HTML) 92 Page - Nexperia B.V. All rights reserved

Back Button PMPB16EP Datasheet HTML 88Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 89Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 90Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 91Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 92Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 93Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 94Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 95Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 96Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 234 page
background image
Package
Type number
V
DS [max] (V)
R
DS(on) [max] @
V
GS = 10 V (mΩ)
R
DS(on) [max] @
V
GS = 4.5 V or 5 V (mΩ)
I
D [max] (A)
Q
G(tot) [typ] (nC)
LFPAK33
(SOT1210)
PSMN1R5-25MLH
25
1.81
2.7
150
17
PSMN2R0-25MLD
25
2
3.1
70
15.9
PSMN2R8-25MLC
25
2.8
3.8
70
16.3
PSMN3R5-25MLD
25
3.51
5.4
70
8.7
PSMN3R9-25MLC
25
4.15
5.6
70
9.7
PSMN5R3-25MLD
25
5.3
8.4
70
5.9
PSMN6R1-25MLD
25
6.13
10
60
4.9
PSMN9R0-25MLC
25
8.65
11
55
5.4
PSMN1R6-30MLH
30
1.9
2.6
160
41
PSMN1R8-30MLH
30
2.1
2.9
150
17
PSMN2R4-30MLD
30
2.4
3.2
70
16
PSMN3R0-30MLC
30
3.15
4.1
70
16.1
PSMN4R2-30MLD
30
4.3
5.7
70
9.2
PSMN4R4-30MLC
30
4.65
6
70
10.6
PSMN6R4-30MLD
30
6.4
8.3
66
6.5
PSMN7R0-30MLC
30
7
9
67
8.2
PSMN7R5-30MLD
30
7.6
10
57
5.8
PSMN9R8-30MLC
30
9.8
12
50
5
PSMN013-30MLC
30
13
17
39
3.7
PSMN020-30MLC
30
18
27
31.8
4.6
Package
Type number
V
DS [max] (V)
R
DS(on) [max] @
V
GS = 10 V (mΩ)
R
DS(on) [max] @
V
GS = 4.5 V or 5 V (mΩ)
I
D [max] (A)
Q
G(tot) [typ] (nC)
TO-220
(SOT78)
PSMN1R5-40PS
40
1.6
150
136
PSMN1R9-40PL
40
1.7
1.9
150
230
PSMN2R2-40PS
40
2.1
100
110
PSMN2R1-40PL
40
2.2
2.6
150
168.9
PSMN2R8-40PS
40
2.8
100
71
PSMN4R5-40PS
40
4.6
100
35
PSMN8R0-40PS
40
7.6
77
17
PSMN2R0-60PSR
60
2
120
137
PSMN2R0-60PS
60
2.2
120
137
PSMN2R5-60PL
60
2.6
3.1
150
223
PSMN2R6-60PS
60
2.6
150
140
PSMN3R0-60PS
60
3
100
130
PSMN3R3-60PL
60
3.4
3.8
130
175
PSMN4R2-60PL
60
3.9
4.3
130
151
PSMN3R9-60PS
60
3.9
130
103
PSMN4R6-60PS
60
4.6
100
70.8
PSMN7R6-60PS
60
7.8
92
38.7
PSMN015-60PS
60
15
50
20.9
LFPAK88
(SOT1235)
PSMNR55-40SSH
40
0.55
PSMNR70-40SSH
40
0.7
425
144
PSMNR90-40SSH
40
0.9
375
118
PSMN1R0-40SSH
40
1
325
98
PSMNR90-50SLH
50
0.92
228
PSMN1R1-50SLH
50
0.97
184
PSMN1R2-55SLH
55
0.97
226
PSMN1R5-55SLH
55
1.50
182
D2PAK
(SOT404)
PSMN1R1-40BS
40
1.3
120
136
PSMN2R2-40BS
40
2.2
100
130
PSMN2R8-40BS
40
2.9
100
71
PSMN4R5-40BS
40
4.5
100
35
PSMN8R0-40BS
40
7.6
77
21
PSMN1R7-60BS
60
2
120
137
PSMN3R0-60BS
60
3.2
100
130
PSMN4R6-60BS
60
4.4
100
70.8
PSMN7R6-60BS
60
7.8
92
38.7
PSMN015-60BS
60
15
50
20.9
N-channel 40V-60V Power MOSFETs
Power MOSFETs
N-channel 25V-30V Power MOSFETs
Types in
bold represent new products
Types in
bold red are in development, types in bold represent new products
Nexperia selection guide 2020
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com