Electronic Components Datasheet Search
  English  ▼

X  

PMPB16EP Datasheet(PDF) 81 Page - Nexperia B.V. All rights reserved

Part # PMPB16EP
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB16EP Datasheet(HTML) 81 Page - Nexperia B.V. All rights reserved

Back Button PMPB16EP Datasheet HTML 77Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 78Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 79Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 80Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 81Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 82Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 83Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 84Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 85Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 234 page
background image
Automotive MOSFETs
N-channel 55V-60V automotive power MOSFETs
Package name
Type number
V
DS
[max] (V)
R
DS(on)
[max]
@ 10 V
(mΩ)
R
DS(on)
[max]
@ 5 V
(mΩ)
I
D
[max]
@ 25 °C
(A)
R
th(j-mb)
[max]
(K/W)
TO-220AB
(SOT78)
BUK954R8-60E
60
4.5
4.9
100
0.64
D2PAK
(SOT404)
BUK7610-55AL
55
10
75
0.5
BUK9620-55A
55
18
20
54
1.2
BUK7620-55A
55
20
54
1.2
BUK9624-55A
55
22
24
46
1.4
BUK9635-55A
55
32
35
34
1.8
BUK7635-55A
55
35
35
1.7
BUK9675-55A
55
68
75
20
2.4
BUK7675-55A
55
75
20
2.4
BUK962R5-60E
60
2.3
2.5
120
0.43
BUK762R4-60E
60
2.4
120
0.43
BUK962R8-60E
60
2.5
2.8
120
0.46
BUK762R6-60E
60
2.6
120
0.46
BUK963R3-60E
60
3
3.3
120
0.51
BUK763R1-60E
60
3.1
120
0.51
BUK964R2-60E
60
3.9
4.2
100
0.57
BUK763R9-60E
60
3.9
100
0.57
BUK964R8-60E
60
4.4
4.8
100
0.64
BUK764R4-60E
60
4.5
100
0.64
BUK966R5-60E
60
5.9
6.5
75
0.82
BUK766R0-60E
60
6
75
0.82
BUK969R0-60E
60
8
9
75
1.09
BUK768R3-60E
60
8.3
75
1.09
BUK9614-60E
60
13
14
56
1.56
BUK7613-60E
60
13
58
1.56
I2PAK
(SOT226)
BUK7E2R6-60E
60
2.6
120
0.43
BUK7E3R5-60E
60
3.5
120
0.51
BUK7E4R6-60E
60
4.6
100
0.64
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com