Electronic Components Datasheet Search
  English  ▼

X  

PMPB16EP Datasheet(PDF) 84 Page - Nexperia B.V. All rights reserved

Part # PMPB16EP
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB16EP Datasheet(HTML) 84 Page - Nexperia B.V. All rights reserved

Back Button PMPB16EP Datasheet HTML 80Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 81Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 82Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 83Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 84Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 85Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 86Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 87Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 88Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 234 page
background image
N-channel 100V automotive power MOSFETs
Package name
Type number
V
DS
[max] (V)
R
DS(on)
[max]
@ 10 V
(mΩ)
R
DS(on)
[max]
@ 5 V
(mΩ)
I
D
[max]
@ 25 °C
(A)
R
th(j-mb)
[max]
(K/W)
TO-220AB
(SOT78)
BUK755R4-100E
100
5.2
120
0.43
D2PAK
(SOT404)
BUK765R0-100E
100
5
120
0.43
BUK965R8-100E
100
5.6
5.8
120
0.43
BUK768R1-100E
100
8.1
100
0.57
BUK969R3-100E
100
8.9
9.3
100
0.57
BUK7613-100E
100
13
72
0.82
BUK9615-100E
100
14
15
66
0.82
BUK7631-100E
100
31
34
1.56
BUK9637-100E
100
36
37
31
1.56
BUK9675-100A
100
72
75
23
1.5
LFPAK56;
Power-SO8
(SOT669)
BUK9Y12-100E
100
12
12
85
0.63
BUK7Y12-100E
100
12
85
0.63
BUK9Y15-100E
100
15
15
69
0.77
BUK7Y15-100E
100
15
68
0.77
BUK9Y19-100E
100
18
19
56
0.9
BUK7Y19-100E
100
19
56
0.9
BUK9Y22-100E
100
22
22
49
1.02
BUK7Y22-100E
100
22
49
1.02
BUK9Y38-100E
100
38
38
30
1.58
BUK7Y38-100E
100
38
30
1.58
BUK9Y65-100E
100
64
65
19
2.31
BUK7Y65-100E
100
65
19
2.31
BUK9Y113-100E
100
110
113
12
3.33
BUK7Y113-100E
100
113
12
3.33
BUK9Y153-100E
100
146
153
9.4
4.03
BUK7Y153-100E
100
153
9.4
4.03
Automotive MOSFETs
Nexperia selection guide 2020
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com