| Electronic Components Datasheet Search |
|
LSF0108 Datasheet(PDF) 171 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
LSF0108 Datasheet(HTML) 171 Page - Nexperia B.V. All rights reserved |
|
171 / 234 page ![]() 171 Package details and packing methods Package details and packing methods SMD Package details and packing methods Package details Packing methods Packing quantity and ordering code (12NC ending) 3 DFN1010D-3 (SOT1215) 1.1 x 1 x 0.37 1.1 x 1 1.1 0.75 4 mm pitch. 8 mm tape and reel 180 × 8 -147 DPAK (SOT428C) 6.1 X 6.6 X 2.3 10 X 6.6 66 2,29 8 mm pitch. 16 mm tape and reel -118 D2PAK (SOT404A) 11 x 10 x 4.3 15.3 x 10 153 2.54 16 mm pitch. 24 mm tape and reel 330 x 24 -118 D2PAK (SOT404) 11 x 10 x 4.3 15.3 x 10 153 2.54 16 mm pitch. 24 mm tape and reel 330 × 24 -118 SC-70 (SOT323) 2 x 1.25 x 0.95 2.1 x 2 4.2 1.3 4 mm pitch. 8 mm tape and reel 180 × 8 -115 -135 -300 DFN2020-3 (SOT1061) 2 x 2 x 0.65 2 x 2 4 1.3 4 mm pitch. 8 mm tape and reel 180 x 8 -115 -147 330 x 8 -135 DFN2020D-3 (SOT1061D) 2 x 2 x 0.65 2 x 2 4 1.3 4 mm pitch. 8 mm tape and reel 180 × 8 -115 TO-236AB (SOT23) 2.9 x 1.3 x 1 2.3 x 1.3 2.99 1.9 4 mm pitch. 8 mm tape and reel 180 × 8 -215 -185 286 x 8 -235 -300 SOT89 (SC-62) 4.5 x 2.5 x 1.5 4.5 x 4 18 1.5 8 mm pitch. 12 mm tape and reel 180 × 12 -147 -135 CFP15 (SOT1289) 5.8 x 4.3 x 0.78 6.5 x 4.3 27.95 2.13 8 mm pitch. 12 mm tape and reel 180 × 12 -146 330 x 12 -139 CFP15B (SOT1289B) 5.8 x 4.3 x 0.95 6.8 x 4.3 29.24 2.13 8 mm pitch. 12 mm tape and reel -139 4 X2SON4 (SOT1269-2) 0.6 x 0.6 x 0.35 0.6 x 0.6 0.36 0.4 2 mm pitch. 8 mm tape and reel 180 × 8 -147 SOT143B 2.9 x 1.3 x 1 2.9 x 2.3 6.67 1.9 4 mm pitch. 8 mm tape and reel 180 × 8 -215 286 x 8 -235 LFPAK56E; Power-SO8 (SOT1023) 4.58 x 5.13 x 1.03 5 x 6 30 1.27 8 mm pitch. 12 mm tape and reel 180 × 12 -115 LFPAK56- UL2595 (SOT1023A) 4.6 x 5.1 x 1 5 x 6 30 1.27 8 mm pitch. 12 mm tape and reel 180 x 12 -115 LFPAK56; Power-SO8 (SOT669) 4.9 x 4.45 x 1 5 x 6 30 1.27 8 mm pitch. 12 mm tape and reel 180 × 12 -115 SC-73 (SOT223) 6.5 x 3.5 x 1.65 7 x 6.5 45.5 4.6 8 mm pitch. 12 mm tape and reel 180 × 12 -115 330 x 12 -135 LFPAK88 (SOT1235) 6.3 x 8 x 1.75 8 x 8 64 2 12 mm pitch. 16 mm tape and reel 330 x 16 -118 5 X2SON5 (SOT1226) 0.8 x 0.8 x 0.35 0.8 x 0.8 0.64 0.4 2 mm pitch. 8 mm tape and reel 180 × 8 -125 TSSOP5 (SOT353) 2 x 1.25 x 0.95 2.1 x 2 4.2 1.3 4 mm pitch. 8 mm tape and reel 180 × 8 -115 286 x 8 -135 TSSOP5 (SOT353-1) 2.1 x 1.25 x 0.95 2.1 x 2 4.2 0.65 4 mm pitch. 8 mm tape and reel 180 × 8 -125 TSOP5 (SOT753) 2.9 x 1.5 x 1 2.9 x 2.75 8 0.95 4 mm pitch. 8 mm tape and reel 180 × 8 -125 6 XSON6 (SOT1115) 0.9 x 1.0 x 0.35 0.9 x 1 0.9 0.3 4 mm pitch. 8 mm tape and reel 180 × 8 -125 XSON6 (SOT1202) 1 x 1 x 0.35 1 x 1 1 0.35 4 mm pitch. 8 mm tape and reel 180 × 8 -125 XSON6 (SOT891) 1 x 1 x 0.5 1 x 1 1 0.35 4 mm pitch. 8 mm tape and reel 180 × 8 -125 SOT428C Plastic single-ended surface-mounted package (DPAK); 3 leads (one lead cropped) 23 October 2019 Package information 1. Package summary Terminal position code S (single) Package type descriptive code DPAK Package type industry code DPAK Package style descriptive code SMS (surface-mounted single in-line) Package body material type P (plastic) JEDEC package outline code TO-252 JEITA package outline code SC-63 Mounting method type S (surface mount) Number of package outline detail graphic references 0 Issue date 28-8-2019 Manufacturer package code SOT428 Table 1. Package summary Symbol Parameter Min Typ Nom Max Unit D package length 5.98 - 6.1 6.22 mm E package width 6.47 - 6.6 6.73 mm A seated height 2.22 - 2.3 2.38 mm e nominal pitch - - 2.285 - mm e1 minimal pitch - - 4.57 - mm n2 actual quantity of termination - - 3 - |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |