Electronic Components Datasheet Search
  English  ▼

X  

LSF0108 Datasheet(PDF) 173 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 173 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 169Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 170Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 171Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 172Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 173Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 174Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 175Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 176Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 177Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 234 page
background image
173
Package details and packing methods
Package details
Packing methods
Packing quantity and ordering code (12NC ending)
SO8
(SOT96-1)
4.9 x 3.9 x
1.75
5 x 6
30
1.27
8 mm pitch.
12 mm tape
and reel
180 × 12
-115
-112
-118
10
XQFN10
(SOT1160-1)
1.4 x 1.8
x 0.5
1.4 x 1.8
2.6
0.4
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
X2QFN10
(SOT1430-1)
1.3 x 1.6 x
0.33
1.3 x 1.6
2.1
0.4
4 mm pitch.
8 mm tape
and reel
180 × 8
-471
DFN2510-10
(SOT1165-1)
2.5 x 1 x
0.5
2.5 x 1
2.5
0.5
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
DFN2510A-10
(SOT1176-1)
2.5 x 1 x
0.5
2.5 x 1
2.5
0.5
4 mm pitch.
8 mm tape
and reel
180 × 8
-471
TSSOP10
(SOT552-1)
3 x 3 x 1.1
3 x 4.9
14.7
0.5
8 mm pitch.
12 mm tape
and reel
330 × 12
-118
12
XQFN12
(SOT1174-1)
1.7 x 2 x
0.5
1.7 x 2
3.4
0.4
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
14
DHVQFN14
(SOT762-1)
3.0 x 2.5
x 1
3 x 2.5
7.5
0.5
4 mm pitch.
12 mm tape
and reel
180 × 12
-115
TSSOP14
(SOT402-1)
5 x 4.4 x
1.1
6.4 x 5
32
0.65
8 mm pitch.
12 mm tape
and reel
330 x 12
-112 -118
SO14
(SOT108-1)
8.65 x 3.9
x 1.75
8.65 x 6
51.9
1.27
8 mm pitch.
16 mm tape
and reel
330 × 16
-118
16
XQFN16
(SOT1161-1)
2.6 x 1.8
x 0.5
2.6 x 1.8
4.7
0.4
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
DFN3314-16
(SOT974-2)
3.3 x 1.35
x 0.5
3.3 x 1.35
4.5
0.4
4 mm pitch.
12 mm tape
and reel
180 × 12
-132
DHVQFN16
(SOT763-1)
3.5 x 2.5
x 1.0
3.5 x 2.5
8.8
0.5
4 mm pitch.
12 mm tape
and reel
180 × 12
-115
TSSOP16
(SOT403-1)
5 x 4.4 x
1.1
5 x 6.4
32
0.65
8 mm pitch.
12 mm tape
and reel
330 x 12
-112 -118
SO16
(SOT109-1)
9.9 x 3.9 x
1.75
9.9 x 6
59.4
1.27
8 mm pitch.
16 mm tape
and reel
330 × 16
-652
-139
20
SO20
(SOT163-1)
12.8 x 7.5
x 2.65
12.8 x
10.3
131.8
1.27
12 mm pitch.
24 mm tape
and reel
330 × 24
-652
DHVQFN20
(SOT764-1)
4.5 x 2.5
x 1.0
4.5 x 2.5
11.3
0.5
4 mm pitch.
12 mm tape
and reel
180 x 12
-115
TSSOP20
(SOT360-1)
6.5 x 4.4
x 1.1
6.5 x 6.4
41.6
0.65
8 mm pitch.
16 mm tape
and reel
330 x 16
-112
-118
-134
24
SO24
(SOT137-1)
15.4 x 7.5
x 2.65
15.4 x
10.3
158.6
1.27
12 mm pitch.
24 mm tape
and reel
330 × 16
-118 -112
DHVQFN24
(SOT815-1)
5.5 x 3.5
x 1
5.5 x 3.5
19.3
0.5
8 mm pitch.
12 mm tape
and reel
330 x 12
-118
TSSOP24
(SOT355-1)
7.8 x 4.4
x 1.1
7.8 x 6.4
49.9
0.65
8 mm pitch.
16 mm tape
and reel
330 × 16
-112
-118
32
HVQFN32
(SOT617-3)
5 x 5 x
0.85
5 x 5
25
0.5
8 mm pitch.
12 mm tape
and reel
330×12.4
-118
48
TSSOP48
(SOT362-1)
12.5 x 6.1
x 1.2
12.5 x 8.1 101.2
0.5
12 mm pitch.
24 mm tape
and reel
330 x 24
-112
-118
TVSOP48
(SOT480-1)
9.7 x 4.4
x 1.1
9.7 x 6.4
62.1
0.4
8 mm pitch.
16 mm tape
and reel
330 × 16
-112
-118
56
TSSOP56
(SOT364-1)
14 x 6.1
x 1.2
14 x 8.1
113.4
0.5
12 mm pitch.
24 mm tape
and reel
330 × 24
-112
-518
Package details and packing methods
Package details and packing methods SMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com