Electronic Components Datasheet Search
  English  ▼

X  

LSF0108 Datasheet(PDF) 177 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 177 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 173Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 174Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 175Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 176Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 177Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 178Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 179Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 180Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 181Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 234 page
background image
177
Package details and packing methods
Packing letter codes used in orderable part number
Packing
letter
3NC
Packing type
short name
Packing type description
Short packing type description
Z
165
REELLGR
REEL 11" Q3/T4 *STANDARD MARK SMD LARGEPQ
Reel Pack, SMD, Large, Reverse
Z
185
REEL4PM
MULTI-REEL 7" Q3/T4 *STANDARD MARK SMD PITCH4MM
Multi-Reel Pack, SMD 7" Q3/T4 Pitch 4mm
Z
012
REEL7SMDP
REEL 7" Q1/T1 *SPECIAL MARK CHIPS DP
Reel 7" Q1/T1 in Drypack
Z
139
REEL13Q4
REEL 13" Q4/T2 *STANDARD MARK
Reel 13" Q4/T2
Z
317
REELP2LPQ
REEL 7" Q1/T1-Q2/T3*STANDARD MARK SMD PITCH2MM LPQ
REEL 7" Q1/T1-Q2/T3 SMD Pitch 2mm Large
Z
145
REELM
MULTI-REEL 7" Q1/T1 *STANDARD MARK SMD
Multi-Reel Pack, SMD
Z
335
REELLGP2
REEL 11" Q1/T1 *STANDARD MARK SMD PITCH2MM LARGEPQ
Reel Pack, SMD, 11" Q1/ T1 Large, Pitch 2mm
Z
184
REEL7SMD
REEL 7" Q1/T1 *STANDARD MARK SMD
Reel 7" Q1/T1
Z
014
REEL7SM
REEL 7" Q1/T1 *SPECIAL MARK CHIPS
Reel 7" Q1/T1
Z
087
REEL7SMC2
REEL 7" Q2/T3 *STANDARD MARK CHIPS
Reel 7" Q2/T3
Z
300
REEL11MUL3
MULTI-REEL 11" T4/Q3 *STANDARD MARK SMD PITCH4MM
Multi-reel 11" T4/Q3 SMD Pitch 4mm
Z
301
REEL11MUL1
MULTI-REEL 11" T1/Q1 *STANDARD MARK SMD PITCH4MM
Multi-reel 11" T1/Q1 SMD Pitch 4mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com