Electronic Components Datasheet Search
  English  ▼

X  

LM5064 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5064
Description  LM5064 Negative Voltage System Power Management and Protection IC with PMBus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5064 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5064 Datasheet HTML 17Page - Texas Instruments LM5064 Datasheet HTML 18Page - Texas Instruments LM5064 Datasheet HTML 19Page - Texas Instruments LM5064 Datasheet HTML 20Page - Texas Instruments LM5064 Datasheet HTML 21Page - Texas Instruments LM5064 Datasheet HTML 22Page - Texas Instruments LM5064 Datasheet HTML 23Page - Texas Instruments LM5064 Datasheet HTML 24Page - Texas Instruments LM5064 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
LM5064
www.ti.com
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
POWER LIMIT THRESHOLD
The LM5064 determines the power dissipation in the external MOSFET (Q1) by monitoring the drain current (the
current in RS) and the VDS of Q1 (OUT to SENSE pins). The resistor at the PWR pin (RPWR) sets the maximum
power dissipation for Q1, and is calculated from the following equation:
(2)
where PMOSFET(LIM) is the desired power limit threshold for Q1, and RS is the current sense resistor described in
the CURRENT LIMIT (RS) section. For example, if RS is 3 mΩ, VIN = 48V, and the desired power limit threshold
is 80W, RPWR calculates to 30.1 kΩ (standard 1% value). If Q1’s power dissipation reaches the threshold Q1’s
gate is modulated to regulate the load current, keeping Q1’s power from exceeding the threshold. For proper
operation of the power limiting feature, RPWR must be ≤150 kΩ. While the power limiting circuit is active, the fault
timer is active as described in the Fault Timer & Restart section. Typically, power limit is reached during startup,
or if the output voltage falls due to a severe over-load or short circuit. The programmed maximum power
dissipation should have a reasonable margin from the maximum power defined by the SOA chart, especially if
retry is enabled, because the MOSFET will be repeatedly stressed during fault restart cycles. The MOSFET
manufacturer should be consulted for guidelines. If the application does not require use of the power limit
function the PWR pin can be left open. The accuracy of the power limit function at turn-on may degrade if a very
low power dissipation limit is set. The reason for this caution is that the voltage across the sense resistor, which
is monitored and regulated by the power limit circuit, is lowest at turn-on when the regulated current is at a
minimum. The voltage across the sense resistor during power limit can be expressed as follows:
(3)
where ILIM is the current in RS, and VDS is the voltage across Q1. For example, if the power limit is set at 80W
with RS = 3 mΩ, and VDS = 48V the sense resistor voltage calculates to 5.0 mV, which is comfortably regulated
by the LM5064. However, if the power limit is set lower (e.g., 25W), the sense resistor voltage calculates to 1.6
mV. At this low level noise and offsets within the LM5064 may degrade the power limit accuracy. To maintain
accuracy, the sense resistor voltage should not be less than 3 mV.
TURN-ON TIME
The output turn-on time depends on whether the LM5064 operates in current limit, or in both power limit and
current limit, during turn-on.
A) Turn-on with current limit only: The current limit threshold (ILIM) is determined by the current sense resistor
(RS). If the current limit threshold is less than the current defined by the power limit threshold at maximum VDS
the circuit operates only at the current limit threshold during turn-on. Referring to Figure 8(A), as the load current
reaches ILIM, the gate-to-source voltage is controlled at GATE to maintain the current at ILIM. As the output
voltage reaches its final value (VDS ≊ 0V) the drain current reduces to its normal operating value. The time for the
OUT pin voltage to transition from zero volts to VSYS is equal to:
(4)
where CL is the load capacitance. For example, if VSYS = -48V, CL = 200 µF, and ILIM = 8.7A, tON calculates to 1.1
ms. The maximum instantaneous power dissipated in the MOSFET is 418W. This calculation assumes the time
from t1 to t2 in Figure 9 (A) is small compared to tON, the load does not draw any current until after the output
voltage has reached its final value, and PGD switches high (Figure 8 (A)). The Fault Timeout Period must be set
longer than tON to prevent a fault shut-down before the turn-on sequence is complete.
If the load draws current during the turn-on sequence (Figure 8 (B)), the turn-on time is longer than the above
calculation, and is approximately equal to:
(5)
where RL is the load resistance. The Fault Timeout Period must be set longer than tON to prevent a fault
shutdown before the turn-on sequence is complete.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com