Electronic Components Datasheet Search
  English  ▼

X  

LM5064 Datasheet(PDF) 40 Page - Texas Instruments

Part # LM5064
Description  LM5064 Negative Voltage System Power Management and Protection IC with PMBus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5064 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM5064 Datasheet HTML 36Page - Texas Instruments LM5064 Datasheet HTML 37Page - Texas Instruments LM5064 Datasheet HTML 38Page - Texas Instruments LM5064 Datasheet HTML 39Page - Texas Instruments LM5064 Datasheet HTML 40Page - Texas Instruments LM5064 Datasheet HTML 41Page - Texas Instruments LM5064 Datasheet HTML 42Page - Texas Instruments LM5064 Datasheet HTML 43Page - Texas Instruments LM5064 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
LM5064
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
www.ti.com
MANUFACTURER SPECIFIC PMBUS™ COMMANDS
MFR_SPECIFIC_00: READ_VAUX (D0h)
The READ_VAUX command will report the 12-bit ADC measured auxiliary voltage. Voltages greater than or
equal to 2.97V to VEE will be reported at plus full scale (0FFFh). Voltages less than or equal to 0V referenced to
VEE will be reported as 0 (0000h). To read data from the READ_VAUX command, use the PMBus Read Word
protocol.
Table 22. READ_VAUX Register
Value
Meaning
Default
0h – 0FFFh
Measured value for VAUX input
0000h
MFR_SPECIFIC_01: MFR_READ_IIN (D1h)
The MFR_READ_IIN command will report the 12-bit ADC measured current sense voltage. To read data from
the MFR_READ_IIN command, use the PMBus Read Word protocol. Reading this register should use the
coefficients shown in Table 41. Please see the section on coefficient calculations to calculate the values to use.
Table 23. MFR_READ_IIN Register
Value
Meaning
Default
0h – 0FFFh
Measured value for input current sense
0000h
voltage
MFR_SPECIFIC_02: MFR_READ_PIN (D2h)
The MFR_READ_PIN command will report the upper 12 bits of the VIN x IIN product as measured by the 12-bit
ADC. To read data from the MFR_READ_PIN command, use the PMBus Read Word protocol. Reading this
register should use the coefficients shown in Table 41. Please see the section on coefficient calculations to
calculate the values to use.
Table 24. MFR_READ_PIN Register
Value
Meaning
Default
0h – 0FFFh
Value for input current x input voltage
0000h
MFR_SPECIFIC_03: MFR_IN_OC_WARN_LIMIT (D3h)
The MFR_IIN_OC_WARN_LIMIT PMBus command sets the input over-current warning threshold. In the event
that the input current rises above the value set in this register, the IIN over-current flags are set in the respective
registers and the SMBA is asserted. To access the MFR_IIN_OC_WARN_LIMIT register, use the PMBus
Read/Write Word protocol. Reading/writing to this register should use the coefficients shown in Table 41.
Table 25. MFR_IIN_OC_WARN_LIMIT Register
Value
Meaning
Default
0h – 0FFEh
Value for input over-current warn limit
0FFFh
0FFFh
Input over-current warning disabled
n/a
40
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com