Electronic Components Datasheet Search
  English  ▼

X  

LM5064 Datasheet(PDF) 39 Page - Texas Instruments

Part # LM5064
Description  LM5064 Negative Voltage System Power Management and Protection IC with PMBus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5064 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM5064 Datasheet HTML 35Page - Texas Instruments LM5064 Datasheet HTML 36Page - Texas Instruments LM5064 Datasheet HTML 37Page - Texas Instruments LM5064 Datasheet HTML 38Page - Texas Instruments LM5064 Datasheet HTML 39Page - Texas Instruments LM5064 Datasheet HTML 40Page - Texas Instruments LM5064 Datasheet HTML 41Page - Texas Instruments LM5064 Datasheet HTML 42Page - Texas Instruments LM5064 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
LM5064
www.ti.com
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
MFR_REVISION (9Bh)
The MFR_REVISION command is a standard PMBus command that returns the revision level of the part. To
read the MFR_REVISION, use the PMBus block read protocol.
Table 21. MFR_REVISION Register
Byte
Name
Value
0
Number of bytes
02h
1
MFR ID-1
41h ‘A’
2
MFR ID-2
41h ‘A’
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM5064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com