Electronic Components Datasheet Search
  English  ▼

X  

LM5064 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5064
Description  LM5064 Negative Voltage System Power Management and Protection IC with PMBus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5064 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5064 Datasheet HTML 8Page - Texas Instruments LM5064 Datasheet HTML 9Page - Texas Instruments LM5064 Datasheet HTML 10Page - Texas Instruments LM5064 Datasheet HTML 11Page - Texas Instruments LM5064 Datasheet HTML 12Page - Texas Instruments LM5064 Datasheet HTML 13Page - Texas Instruments LM5064 Datasheet HTML 14Page - Texas Instruments LM5064 Datasheet HTML 15Page - Texas Instruments LM5064 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
VEE
GATE
74 µA
Fault
Timer
TIMER
Current Limit
Threshold
Power Limit
Threshold
4.1 mA
Current Limit/
Power Limit
Control
111
mA
1/30
VAUX
DIODE
SCL
SDAO
SMBA
Diode
Temp
Sense
VDD
12 bit
ADC
OV
UV
UV
OV
Current Telemetry
Sense
Circuit Breaker
Threshold
SDAI
Ref
VREF
VEE
VCC
LM5064
VEE
VEE
VEE
VEE
1.24V/2.5V
TIME AND GATE
LOGIC CONTROL
GATE
CONTROL
1.5 mA
End
Insertion
Time
Fault
Discharge
Insertion Timer
POR
Enable
POR
3.9V
1.2V
0.3V
2.47V
2.48V
8.7V/8.53V
VCC
8V
VCC
21 µA
18 µA
26/50 mV
ADR0
ADR1
ADR2
MEASUREMENT/
FAULT REGISTERS
SMBUS
INTERFACE
ADDRESS
DECODER
TELEMETRY
STATE
MACHINE
1/30
VDD
REG
(26|50) x (1.8,3.6|1.9,3.7) mV
IDS
VDS
2.4 µA
52 µA
4.8 µA
Insertion
Timer
VEE
12.6V
VCC
20 µA
LM5064
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
www.ti.com
BLOCK DIAGRAM
Figure 1. Block Diagram
12
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com