Electronic Components Datasheet Search
  English  ▼

X  

LMC567 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMC567
Description  LMC567 Low-Power Tone Decoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC567 Datasheet(HTML) 3 Page - Texas Instruments

  LMC567 Datasheet HTML 1Page - Texas Instruments LMC567 Datasheet HTML 2Page - Texas Instruments LMC567 Datasheet HTML 3Page - Texas Instruments LMC567 Datasheet HTML 4Page - Texas Instruments LMC567 Datasheet HTML 5Page - Texas Instruments LMC567 Datasheet HTML 6Page - Texas Instruments LMC567 Datasheet HTML 7Page - Texas Instruments LMC567 Datasheet HTML 8Page - Texas Instruments LMC567 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1
2
3
4
5
6
7
8
LMC567
www.ti.com
SNOSBY1C – JUNE 1999 – REVISED DECEMBER 2015
5 Device Comparison Table
DEVICE NUMBER
DESCRIPTION
LMC567
Low power tone decoder
General-purpose tone decoder with half oscillator frequency than
LM567, LM567C
LMC567
6 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
GND
7
PWR
Ground connection
IN
3
I
Device input
LF_CAP
2
I
Loop filter capacitor terminal
OF_CAP
1
I
Output filter capacitor terminal
OUT
8
O
Device output
T_CAP
5
I
Timing capacitor connection terminal
T_RES
6
I
Timing resistor connection terminal
VCC
4
PWR
Voltage supply connection
(1)
I = input, O = output, PWR = power
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC567



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com